Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 56Page - NXP Semiconductors UJA1069 Datasheet HTML 57Page - NXP Semiconductors UJA1069 Datasheet HTML 58Page - NXP Semiconductors UJA1069 Datasheet HTML 59Page - NXP Semiconductors UJA1069 Datasheet HTML 60Page - NXP Semiconductors UJA1069 Datasheet HTML 61Page - NXP Semiconductors UJA1069 Datasheet HTML 62Page - NXP Semiconductors UJA1069 Datasheet HTML 63Page - NXP Semiconductors UJA1069 Datasheet HTML 64Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
UJA1069_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 28 October 2009
62 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
For further information on temperature profiles, refer to Application Note
AN10365
“Surface mount reflow soldering description”.
14. Revision history
MSL: Moisture Sensitivity Level
Fig 29. Temperature profiles for large and small components
001aac844
temperature
time
minimum peak temperature
= minimum soldering temperature
maximum peak temperature
= MSL limit, damage level
peak
temperature
Table 29.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
UJA1069_4
20091028
Product data sheet
-
UJA1069_3
Modifications:
• 3.3 V versions (UJA1069TW/3V3 and UJA1069TW24/3V3) discontinued
• 3.0 V versions (UJA1069TW/3V0 and UJA1069TW24/3V0) discontinued
• Table 24: table note section revised
• Section 6.2.5: text of third paragraph revised
• Table 10: text of bit 4, V1CMC, revised
• Figure 23: unit corrected
UJA1069_3
20070910
Product data sheet
-
UJA1069_2
UJA1069_2
20070305
Preliminary data sheet
-
UJA1069_1
UJA1069_1
20051222
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com