Electronic Components Datasheet Search
  English  ▼

X  

UJA1069 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 1 Page - NXP Semiconductors

  UJA1069 Datasheet HTML 1Page - NXP Semiconductors UJA1069 Datasheet HTML 2Page - NXP Semiconductors UJA1069 Datasheet HTML 3Page - NXP Semiconductors UJA1069 Datasheet HTML 4Page - NXP Semiconductors UJA1069 Datasheet HTML 5Page - NXP Semiconductors UJA1069 Datasheet HTML 6Page - NXP Semiconductors UJA1069 Datasheet HTML 7Page - NXP Semiconductors UJA1069 Datasheet HTML 8Page - NXP Semiconductors UJA1069 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
1.
General description
The UJA1069 fail-safe System Basis Chip (SBC) replaces basic discrete components
which are common in every Electronic Control Unit (ECU) with a Local Interconnect
Network (LIN) interface. The fail-safe SBC supports all networking applications which
control various power and sensor peripherals by using LIN as a local sub-bus. The
fail-safe SBC contains the following integrated devices:
• LIN transceiver compliant with LIN 2.0 and SAE J2602, and compatible with LIN 1.3
• Advanced independent watchdog
• Dedicated voltage regulator for microcontroller
• Serial peripheral interface (full duplex)
• Local wake-up input port
• Inhibit/limp-home output port
In addition to the advantages of integrating these common ECU functions in a single
package, the fail-safe SBC offers an intelligent combination of system-specific functions
such as:
• Advanced low-power concept
• Safe and controlled system start-up behavior
• Advanced fail-safe system behavior that prevents any conceivable deadlock
• Detailed status reporting on system and sub-system levels
The UJA1069 is designed to be used in combination with a microcontroller and a LIN
controller. The fail-safe SBC ensures that the microcontroller is always started up in a
defined manner. In failure situations the fail-safe SBC will maintain the microcontroller
function for as long as possible, to provide full monitoring and software driven fall-back
operation.
The UJA1069 is designed for 14 V single power supply architectures and for 14 V and
42 V dual power supply architectures.
UJA1069
LIN fail-safe system basis chip
Rev. 04 — 28 October 2009
Product data sheet


Similar Part No. - UJA1069

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1069TW PHILIPS-UJA1069TW Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069TW NXP-UJA1069TW Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1069TW24 PHILIPS-UJA1069TW24 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
More results

Similar Description - UJA1069

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UJA1065 PHILIPS-UJA1065 Datasheet
285Kb / 67P
High-speed CAN/LIN fail-safe system basis chip
Rev. 01-10 August 2005
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
LIN fail-safe system basis chip
Rev. 03-10 September 2007
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1065 NXP-UJA1065 Datasheet
470Kb / 76P
High-speed CAN/LIN fail-safe system basis chip
Rev. 07-25 February 2010
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1066 NXP-UJA1066 Datasheet
473Kb / 70P
High-speed CAN fail-safe system basis chip
Rev. 03-17 March 2010
FS8600-SDS NXP-FS8600-SDS Datasheet
527Kb / 15P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1.1-23 November 2021
PF5030_SDS NXP-PF5030_SDS Datasheet
354Kb / 20P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 1 - 22 November 2022
FS8600_SDS NXP-FS8600_SDS_V01 Datasheet
243Kb / 16P
Fail-safe system basis chip with multiple SMPSs and LDOs
Rev. 2.0 - 7 December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com