Electronic Components Datasheet Search
  English  ▼

X  

IMX35 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # IMX35
Description  i.MX35 Applications Processors for Industrial and Consumer Products
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX35 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button IMX35 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX35 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 148 page
background image
i.MX35 Applications Processors for Industrial and Consumer Products, Rev. 6
Freescale Semiconductor
27
4.8.2
AC Electrical Characteristics for DDR Pins (DDR2, Mobile DDR, and
SDRAM Modes)
Output pin slew rate (max. drive)
tps
25 pF
40 pF
50 pF
0.84/1.10
0.68/0.83
0.58/0.72
1.45/1.80
1.14/1.34
0.86/1.10
2.40/2.80
1.88/2.06
1.40/1.70
V/ns
2
Output pin slew rate (high drive)
tps
25 pF
40 pF
50 pF
0.69/0.96
0.55/0.69
0.40/0.59
1.18/1.50
0.92/1.10
0.67/0.95
1.90/2.30
1.49/1.67
1.10/1.30
V/ns
Output pin slew rate (standard drive)
tps
25 pF
40 pF
50 pF
0.24/0.36
0.37/0.47
0.13/0.21
0.80/1.00
0.62/0.76
0.45/0.65
1.30/1.60
1.00/1.14
0.70/0.95
V/ns
Output pin di/dt (max. drive)
tdit
25 pF
50 pF
46
49
124
131
310
324
mA/ns
3
Output pin di/dt (high drive)
tdit
25 pF
50 pF
33
35
89
94
290
304
mA/ns
Output pin di/dt (standard
drive)
tdit
25 pF
50 pF
28
29
75
79
188
198
mA/ns
Table 20. AC Electrical Characteristics of DDR Type IO Pins in DDR2 Mode
Parameter
Symbol
Test Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units
Duty cycle
Fduty
—
45
50
55
%
Clock frequency
f
—
—
133
—
MHz
Output pin slew rate
tps
25 pF
50 pF
0.86/0.98
0.46/054
1.35/1.5
0.72/0.81
2.15/2.19
1.12/1.16
V/ns
Output pin di/dt
tdit
25 pF
50 pF
65
70
157
167
373
396
mA/ns
Table 21. AC Requirements of DDR2 Pins
Parameter1
1 The Jedec SSTL_18 specification (JESD8-15a) for an SSTL interface for class II operation supersedes any specification in this
document.
Symbol
Min.
Max.
Units
AC input logic high
VIH(ac)
NVCC
÷ 2 + 0.25
NVCC + 0.3
V
AC input logic low
VIL(ac)
–0.3
NVCC
÷ 2 – 0.25
V
AC differential cross point voltage for output2
2 The typical value of Vox(ac) is expected to be about 0.5 × NVCC and Vox(ac) is expected to track variation in NVCC. Vox(ac)
indicates the voltage at which the differential output signal must cross. Cload = 25 pF.
Vox(ac)
NVCC
÷ 2 – 0.125
NVCC
÷ 2 + 0.125
V
Table 19. AC Electrical Characteristics of GPIO Pins in Fast Slew Rate Mode
[NVCC = 2.25 V–2.75 V] (continued)
Parameter
Symbol
Test
Condition
Min.
Rise/Fall
Typ.
Max.
Rise/Fall
Units Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com