Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2174
Description  300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2174 Datasheet HTML 1Page - Micrel Semiconductor MIC2174 Datasheet HTML 2Page - Micrel Semiconductor MIC2174 Datasheet HTML 3Page - Micrel Semiconductor MIC2174 Datasheet HTML 4Page - Micrel Semiconductor MIC2174 Datasheet HTML 5Page - Micrel Semiconductor MIC2174 Datasheet HTML 6Page - Micrel Semiconductor MIC2174 Datasheet HTML 7Page - Micrel Semiconductor MIC2174 Datasheet HTML 8Page - Micrel Semiconductor MIC2174 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Micrel, Inc.
MIC2174
September 2009
5
M9999-090409-B
Typical Characteristics
12V to 3.3V Efficiency
50
55
60
65
70
75
80
85
90
95
100
02
46
8
10
OUTPUT CURRENT (A)
VIN=5V
24V to 1.8V Efficiency
40
45
50
55
60
65
70
75
80
85
90
024
68
10
OUTPUT CURRENT (A)
VIN=5V
24V to 3.3V Efficiency
40
45
50
55
60
65
70
75
80
85
90
024
68
10
OUTPUT CURRENT (A)
VIN=5V
Feedback Voltage vs. Load
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
02
46
8
10
OUTPUT CURRENT (A)
VIN=5V
Feedback Voltage
vs. Input Voltage
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
33.5
4
4.5
55.5
INPUT VOLTAGE (V)
Feedback Voltage
vs. HSD Voltage
0.75
0.76
0.77
0.78
0.79
0.80
0.81
0.82
0.83
0.84
0.85
3
7
11
15
19
23
27
31
35
39
HSD VOLTAGE (V)
VIN=5V
Feedback Voltage
vs. Temperature
0.790
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
0.810
-40
-20
0
20
406080
100
120
TEMPERATURE (°C)
VIN=5V
Switching Frequency
vs. Load
250
260
270
280
290
300
310
320
330
340
350
02
46
8
10
OUTPUT CURRENT (A)
VHSD=24V
VIN=5V
VOUT=3.3V
Switching Frequency
vs. Input Voltage
250
260
270
280
290
300
310
320
330
340
350
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VHSD=24V
VOUT=3.3V
Switching Frequency
vs. HSD Voltage
250
260
270
280
290
300
310
320
330
340
350
3
7
11
15
19
23
27
31
35
39
HSD VOLTAGE (V)
VIN=5V
VOUT=1.8V
Switching Frequency
vs. Temperature
250
260
270
280
290
300
310
320
330
340
350
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VIN=5V
Current Limit Threshold vs.
Feedback Voltage Percentage
0
15
30
45
60
75
90
105
120
135
150
0
10
20
30
405060
7080
90 100
Feedback Voltage Percentage (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com