Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2174
Description  300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2174 Datasheet HTML 11Page - Micrel Semiconductor MIC2174 Datasheet HTML 12Page - Micrel Semiconductor MIC2174 Datasheet HTML 13Page - Micrel Semiconductor MIC2174 Datasheet HTML 14Page - Micrel Semiconductor MIC2174 Datasheet HTML 15Page - Micrel Semiconductor MIC2174 Datasheet HTML 16Page - Micrel Semiconductor MIC2174 Datasheet HTML 17Page - Micrel Semiconductor MIC2174 Datasheet HTML 18Page - Micrel Semiconductor MIC2174 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Micrel, Inc.
MIC2174
September 2009
15
M9999-090409-B
where:
D = duty cycle
COUT = output capacitance value
fSW = switching frequency
As described in the “Theory of Operation” subsection in
“Functional Description”, the MIC2174 requires at least
20mV peak-to-peak ripple at the FB pin to make the gm
amplifier and the error comparator to behavior properly.
Also, the output voltage ripple should be in phase with
the inductor current. Therefore the output voltage ripple
caused by the output capacitor COUT should be much
smaller than the ripple caused by the output capacitor
ESR. If low ESR capacitors are selected as the output
capacitors, such as ceramic capacitors, a ripple injection
method is applied to provide the enough FB voltage
ripples. Please refer to the “Ripple Injection” subsection
for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated below:
12
ΔI
I
L(PP)
(RMS)
COUT
=
(21)
The power dissipated in the output capacitor is:
OUT
OUT
OUT
C
2
(RMS)
C
)
DISS(C
ESR
I
P
×
=
(22)
Input Capacitor Selection
The input capacitor for the power stage input VHSD
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning the
input supply on. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage de-
rating. The input voltage ripple will primarily depend on
the input capacitor’s ESR. The peak input current is
equal to the peak inductor current, so:
ΔVIN = IL(pk) × ESRCIN
(23)
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
D)
(1
D
I
I
OUT(max)
CIN(RMS)
−
×
×
≈
(24)
The power dissipated in the input capacitor is:
PDISS(CIN) = ICIN(RMS)
2 × ESR
CIN
(25)
Voltage Setting Components
The MIC2174 requires two resistors to set the output
voltage as shown in Figure 5.
Figure 5. Voltage-Divider Configuration
The output voltage is determined by the equation:
)
R2
R1
(1
V
V
REF
OUT
+
×
=
(26)
where, VREF = 0.8V. A typical value of R1 can be
between 3kΩ and 10kΩ. If R1 is too large, it may allow
noise to be introduced into the voltage feedback loop. If
R1 is too small in value, it will decrease the efficiency of
the power supply, especially at light loads. Once R1 is
selected, R2 can be calculated using:
REF
OUT
REF
V
V
R1
V
R2
−
×
=
(27)
External Schottky Diode (Optional)
An external freewheeling diode, which is not necessary,
is used to keep the inductor current flow continuous
while both MOSFETs are turned off. This dead time
prevents current from flowing unimpeded through both
MOSFETs and is typically 30ns. The diode conducts
twice during each switching cycle. Although the average
current through this diode is small, the diode must be
able to handle the peak current.
SW
OUT
D(avg)
f
30ns
2
I
I
×
×
×
=
(28)
The reverse voltage requirement of the diode is:
HSD
DIODE(rrm)
V
V
=
The power dissipated by the Schottky diode is:
F
D(avg)
DIODE
V
I
P
×
=
(29)
where, VF = forward voltage at the peak diode current.
The external Schottky diode is not necessary for the
circuit operation since the low-side MOSFET contains a
parasitic body diode. The external diode will improve
efficiency and decrease the high frequency noise. If the
MOSFET body diode is used, it must be rated to handle
the peak and average current. The body diode has a
relatively slow reverse recovery time and a relatively
high forward voltage drop. The power lost in the diode is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com