Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2174
Description  300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2174 Datasheet HTML 6Page - Micrel Semiconductor MIC2174 Datasheet HTML 7Page - Micrel Semiconductor MIC2174 Datasheet HTML 8Page - Micrel Semiconductor MIC2174 Datasheet HTML 9Page - Micrel Semiconductor MIC2174 Datasheet HTML 10Page - Micrel Semiconductor MIC2174 Datasheet HTML 11Page - Micrel Semiconductor MIC2174 Datasheet HTML 12Page - Micrel Semiconductor MIC2174 Datasheet HTML 13Page - Micrel Semiconductor MIC2174 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Micrel, Inc.
MIC2174
September 2009
10
M9999-090409-B
Functional Description
The MIC2174 is an adaptive on-time synchronous buck
controller built for low cost and high performance. It is
designed for wide input voltage range from 3V to 40V
and for high output power buck converters. An
estimated-ON-time method is applied in MIC2174 to
obtain a constant switching frequency and to simplify the
control compensation. The over-current protection is
implemented without the use of an external sense
resistor. It includes an internal soft-start function which
reduces the power supply input surge current at start-up
by controlling the output voltage rise time.
Theory of Operation
The MIC2174 is an adaptive on-time buck controller.
Figure 1 illustrates the block diagram for the control loop.
The output voltage variation will be sensed by the
MIC2174 feedback pin FB via the voltage divider R1 and
R2, and compared to a 0.8V reference voltage VREF at
the
error
comparator
through
a
low
gain
transconductance (gm) amplifier, which improves the
MIC2174 converter output voltage regulation. If the FB
voltage decreases and the output of the gm amplifier is
below 0.8V, the error comparator will trigger the control
logic and generate an ON-time period, in which DH pin is
logic high and DL pin is logic low. The ON-time period
length
is
predetermined
by
the
“FIXED
TON
ESTIMATION” circuitry:
300kHz
V
V
T
HSD
OUT
ed)
ON(estimat
×
=
(1)
where VOUT is the output voltage, VHSD is the power
stage input voltage.
After ON-time period, the MIC2174 goes into the OFF-
time period. In which DH pin is logic low and DL pin is
logic high. The OFF-time period length depends upon
the FB voltage in most cases. When the FB voltage
decreases and the output of the gm amplifier is below
0.8V, the ON-time period is trigger and the OFF-time
period ends. If the OFF-time period decided by the FB
voltage is less than the minimum OFF time TOFF(min),
which is about 363ns typical, the MIC2174 control logic
will apply the TOFF(min) instead. TOFF(min) is required by the
BST charging. The maximum duty cycle is obtained from
the 363ns TOFF(min):
S
S
OFF(min)
S
T
363ns
1
T
T
T
Dmax
−
=
−
=
where Ts = 1/300kHz = 3.33μs. It is not recommended to
use MIC2174 with a OFF time close to TOFF(min) at the
steady state.
The power stage input voltage VHSD is fed into the Fixed
Ton Estimation block through a 6:1 divider and 5V
voltage clamper. Therefore, if the VHSD is higher than
30V, the Fixed TON Estimation block uses 30V to
estimate Ton instead of the real VHSD. As a result, the
switching frequency will be less than 300kHz:
300kHz
V
30V
f
HSD
30V)
SW(VHDS
×
=
>
(2)
The estimated-ON-time method results in a constant
300kHz switching frequency up to 30V VHSD. The actual
ON time is varied with the different rising and falling time
of the external MOSFETs. Therefore, the type of the
external MOSFETs, the output load current, and the
control circuitry power supply VIN will modify the actual
ON time and the switching frequency. Also, the minimum
Ton results in a lower switching frequency in the high
VHSD and low VOUT applications, such as 36V to 1.0V
application. The minimum Ton measured on the
MIC2174 evaluation board with Si7148DP MOSFETs is
about 184ns. During the load transient, the switching
frequency is changed due to the varying OFF time.
To illustrate the control loop, the steady-state scenario
and the load transient scenario are analyzed. For easy
analysis, the gain of the gm amplifier is assumed to be 1.
With this assumption, the inverting input of the error
comparator is the same as the FB voltage. Figure 2
shows the MIC2174 control loop timing during the
steady-state. During the steady-state, the gm amplifier
senses the FB voltage ripple, which is proportional to the
output voltage ripple and the inductor current ripple, to
trigger
the
ON-time
period.
The
ON
time
is
predetermined by the estimation. The ending of OFF
time is controlled by the FB voltage. At the valley of the
FB voltage ripple, which is below than VREF, OFF period
ends and the next ON-time period is triggered through
the control logic circuitry.
Figure 2. MIC2174 Control Loop Timing
Figure 3 shows the load transient scenario of the
MIC2174 converter. The output voltage drops due to the
sudden load increasing, which would cause the FB
voltage to be less than VREF. This will cause the error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com