Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2174
Description  300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2174 Datasheet HTML 1Page - Micrel Semiconductor MIC2174 Datasheet HTML 2Page - Micrel Semiconductor MIC2174 Datasheet HTML 3Page - Micrel Semiconductor MIC2174 Datasheet HTML 4Page - Micrel Semiconductor MIC2174 Datasheet HTML 5Page - Micrel Semiconductor MIC2174 Datasheet HTML 6Page - Micrel Semiconductor MIC2174 Datasheet HTML 7Page - Micrel Semiconductor MIC2174 Datasheet HTML 8Page - Micrel Semiconductor MIC2174 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MIC2174
300kHz, Synchronous Buck Controller
Featuring Adaptive On-Time Control
Hyper Speed Control is a trademark of Micrel. Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2009
M9999-090409-B
General Description
The Micrel MIC2174 is a fixed frequency, synchronous
buck controller featuring adaptive on-time control. The
MIC2174 operates over an input supply range of 3V to
40V, switches at a constant frequency of 300kHz and is
capable of driving 25A of output current. The output
voltage is adjustable down to 0.8V.
A unique Hyper Speed Control™ architecture allows for
ultra fast transient response while reducing the output
capacitance and also makes High VIN/Low VOUT operation
possible. The MIC2174 utilizes a adaptive TON ripple
controlled architecture. A UVLO is provided to ensure
proper operation under power-sag conditions to prevent
the external power MOSFET from overheating. A soft start
is provided to reduce inrush current. Foldback current limit
and “hiccup” mode short-circuit protection ensure FET and
load protection.
The MIC2174 is available in a 10-pin MSOP (MAX1954A-
compatible) package with a junction operating range from
–40
°C to +125°C.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
•
Hyper Speed Control™ architecture enables
–
High delta V operation (VIN=40V and VOUT=0.8V)
–
Smaller output capacitors than competitors
•
3V to 40V input voltage
•
Stable with zero-ESR output capacitor
•
300kHz switching frequency
•
Output down to 0.8V with ±1% FB accuracy
•
Up to 94% efficiency
•
Foldback current limit and “hiccup” mode short-circuit
protection
•
6ms Internal soft start
•
Thermal shutdown
•
Pre-bias output safe
•
–40
°C to +125°C junction temperature range
•
Available in 10-pin MSOP package
Applications
•
Wide input power supply
•
Industrial Equipments
•
Distributed DC power systems
•
Automotive applications
•
PCs and servers
____________________________________________________________________________________________________________
Typical Application
MIC2174: Synchronous Buck Controller Featuring Adaptive On-Time Control
12V to 3.3V Efficiency
50
55
60
65
70
75
80
85
90
95
100
02
4
6
8
10
OUTPUT CURRENT (A)
VIN=5V


Similar Part No. - MIC2174

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174-1YMM MICREL-MIC2174-1YMM Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174C MICREL-MIC2174C Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174C-1YMM MICREL-MIC2174C-1YMM Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
More results

Similar Description - MIC2174

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132 SIPEX-SP6132 Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6132H SIPEX-SP6132H Datasheet
264Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
logo
Micrel Semiconductor
MIC2199 MICREL-MIC2199 Datasheet
222Kb / 15P
300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Microsemi Corporation
NX2114 MICROSEMI-NX2114 Datasheet
810Kb / 20P
300kHz & 600kHz SYNCHRONOUS PWM CONTROLLER
NX2124 MICROSEMI-NX2124 Datasheet
517Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
NX2154 MICROSEMI-NX2154 Datasheet
556Kb / 17P
300kHz SYNCHRONOUS PWM CONTROLLER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2199 MICREL-MIC2199_10 Datasheet
396Kb / 14P
300kHz 4mm 횞 4mm Synchronous Buck Converter
logo
Sipex Corporation
SP6132H SIPEX-SP6132H_06 Datasheet
290Kb / 10P
High Voltage, 300KHz Synchronous PWM Controller
logo
Exar Corporation
SP6132H EXAR-SP6132H Datasheet
290Kb / 14P
High Voltage, 300KHz Synchronous PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com