Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 20 Page - Micrel Semiconductor

Part # MIC2174
Description  300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 20 Page - Micrel Semiconductor

Back Button MIC2174 Datasheet HTML 16Page - Micrel Semiconductor MIC2174 Datasheet HTML 17Page - Micrel Semiconductor MIC2174 Datasheet HTML 18Page - Micrel Semiconductor MIC2174 Datasheet HTML 19Page - Micrel Semiconductor MIC2174 Datasheet HTML 20Page - Micrel Semiconductor MIC2174 Datasheet HTML 21Page - Micrel Semiconductor MIC2174 Datasheet HTML 22Page - Micrel Semiconductor MIC2174 Datasheet HTML 23Page - Micrel Semiconductor MIC2174 Datasheet HTML 24Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Micrel, Inc.
MIC2174
September 2009
20
M9999-090409-B
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
C1, C8, C17, C19 06035D104MAT
AVX
(1)
0.1µF Ceramic Capacitor, X5R, Size 0603, 50V
4
0805ZD225MAT
AVX
GRM216R61A225ME24D
MuRata
(2)
C2
C2012X5R1A225K/0.85
TDK
(3)
2.2µF Ceramic Capacitor, X5R, Size 0805, 10V
1
C3
222215095001
Vishay
(4)
220µF Aluminum Capacitor, SMD, 35V
1
12105C475KAT2A
AVX
C4, C5
GRM32ER71H475KA88L
MuRata
4.7µF Ceramic Capacitor, X7R, Size 1210, 50V
2
0805ZD105MAT
AVX
C9
GRM219R61A105MA01D
MuRata
1µF Ceramic Capacitor, X5R, Size 0805, 10V
1
06035C103KAT2A
AVX
C10
GRM188R71H103KA01D
MuRata
10nF Ceramic Capacitor, X7R, Size 0603, 50V
1
C11
6SEPC560MX
Sanyo
(5)
560µF OSCON Capacitor, 6.3V
1
12106D107MAT
AVX
GRM32ER60J107ME20L
muRata
C12, C13
C3225X5R0J107M
TDK
100µF Ceramic Capacitor, X5R, Size 1210, 6.3V
2
C15
06035D102MAT
AVX
1nF Ceramic Capacitor, X5R, 0603, 50V
1
D1
SD103AWS
Vishay
Small Signal Schottky Diode
1
L1
CDEP134-2R7MC-H
Sumida
(6)
2.7µH Inductor, 14.7A Saturation Current
1
Q1, Q2, Q3
Si7148DP
Vishay
75V N-Channel TrenchFET Power MOSFET,
14.5mΩ Rds(on) @ 4.5V
3
CMPDM7002A
Central Semiconductor
(7)
Q5
2N7002E-T1-E3
Vishay
Signal MOSFET, 60V
1
R1
CRCW06032R21FKEY3
Vishay-Dale
(4)
2.21Ω Resistor, Size 0603, 1%
1
R2, R7
CRCW06030000FKEY3
Vishay-Dale
0Ω Resistor, Size 0603, 1%
2
R3
CRCW06034992FKEY3
Vishay-Dale
49.9kΩ Resistor, Size 0603, 1%
1
R5
CRCW06031R21FKEY3
Vishay-Dale
1.21Ω Resistor, Size 0603, 1%
1
R6
CRCW06031002FKEY3
Vishay-Dale
10kΩ Resistor, Size 0603, 1%
1
R9
CRCW06031962FKEY3
Vishay-Dale
19.6kΩ Resistor, Size 0603, 1%
1
R12
CRCW06034751FKEY3
Vishay-Dale
4.75kΩ Resistor, Size 0603, 1%
1
R13
CRCW06038061FKEY3
Vishay-Dale
8.06kΩ Resistor, Size 0603, 1%
1
R14
CRCW06034022FKEY3
Vishay-Dale
40.2kΩ Resistor, Size 0603, 1%
1
R15
CRCW06033241FKEY3
Vishay-Dale
3.24kΩ Resistor, Size 0603, 1%
1
U1
MIC2174-1YMM
Micrel, Inc.
(8)
300kHz Buck Controller
1
U2
MIC5233-5.0YM5
Micrel, Inc.
LDO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com