Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC2174
Description  300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC2174 Datasheet HTML 13Page - Micrel Semiconductor MIC2174 Datasheet HTML 14Page - Micrel Semiconductor MIC2174 Datasheet HTML 15Page - Micrel Semiconductor MIC2174 Datasheet HTML 16Page - Micrel Semiconductor MIC2174 Datasheet HTML 17Page - Micrel Semiconductor MIC2174 Datasheet HTML 18Page - Micrel Semiconductor MIC2174 Datasheet HTML 19Page - Micrel Semiconductor MIC2174 Datasheet HTML 20Page - Micrel Semiconductor MIC2174 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Micrel, Inc.
MIC2174
September 2009
17
M9999-090409-B
1
T
f
1
SW
<<
τ
=
τ
×
If the voltage divider resistors R1 and R2 are in the kΩ
range, a Cff of 1nF to 100nF can easily satisfy the large
time constant consumption. Also, a 100nF injection
capacitor Cinj is used in order to be considered as short
for a wide range of the frequencies.
The process of sizing the ripple injection resistor and
capacitors is:
Step 1.
Select Cff to feed all output ripples into the
feedback pin and make sure the large time constant
assumption is satisfied. Typical choice of Cff is 1nF to
100nF if R1 and R2 are in kΩ range.
Step 2.
Select Rinj according to the expected feedback
voltage ripple. According to the equation (33),
D)
(1
D
f
V
ΔV
K
SW
HSD
FB(pp)
div
−
×
τ
×
×
=
(34)
Then the value of Rinj is obtained as:
1)
K
1
(
(R1//R2)
R
div
inj
−
×
=
(35)
Step 3.
Select Cinj as 100nF, which could be considered
as short for a wide range of the frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com