Electronic Components Datasheet Search
  English  ▼

X  

SC9244 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC9244
Description  REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9244 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC9244 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 11Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SC9244
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.24
Http: www.silan.com.cn
Page 7 of 11
(Continued)
DATA CODE(Next row shows the value of S8~S5)
No.
Keyboard
00
01
02
04
08
03
05
06
09
0A
0C
07
0B
0D
K33
PB0
40
20
30
50
60
70
80
90
A0
B0
C0
D0
E0
F0
K34
PB1
41
21
31
51
61
71
81
91
A1
B1
C1
D1
E1
F1
K35
PB2
42
22
32
52
62
72
82
92
A2
B2
C2
D2
E2
F2
K36
PB3
43
23
33
53
63
73
83
93
A3
B3
C3
D3
E3
F3
K37
PB4
44
24
34
54
64
74
84
94
A4
B4
C4
D4
E4
F4
K38
PB5
45
25
35
55
65
75
85
95
A5
B5
C5
D5
E5
F5
K39
PB6
46
26
36
56
66
76
86
96
A6
B6
C6
D6
E6
F6
K40
PA3
PB7
47
27
37
57
67
77
87
97
A7
B7
C7
D7
E7
F7
K41
PB0
48
28
38
58
68
78
88
98
A8
B8
C8
D8
E8
F8
K42
PB1
49
29
39
59
69
79
89
99
A9
B9
C9
D9
E9
F9
K43
PB2
4A
2A
3A
5A
6A
7A
8A
9A
AA
BA
CA
DA
EA
FA
K44
PB3
4B
2B
3B
5B
6B
7B
8B
9B
AB
BB
CB
DB
EB
FB
K45
PB4
4C
2C
3C
5C
6C
7C
8C
9C
AC
BC
CC
DC
EC
FC
K46
PB5
4D
2D
3D
5D
6D
7D
8D
9D
AD
BD
CD
DD
ED
FD
K47
PB6
4E
2E
3E
5E
6E
7E
8E
9E
AE
BE
CE
DE
EE
FE
K48
PA2
PB7
4F
2F
3F
5F
6F
7F
8F
9F
AF
BF
CF
DF
EF
FF
K49
PB0
50
30
40
60
70
80
90
A0
B0
C0
D0
E0
F0
00
K50
PB1
51
31
41
61
71
81
91
A1
B1
C1
D1
E1
F1
01
K51
PB2
52
32
42
62
72
82
92
A2
B2
C2
D2
E2
F2
02
K52
PB3
53
33
43
63
73
83
93
A3
B3
C3
D3
E3
F3
03
K53
PB4
54
34
44
64
74
84
94
A4
B4
C4
D4
E4
F4
04
K54
PB5
55
35
45
65
75
85
95
A5
B5
C5
D5
E5
F5
05
K55
PB6
56
36
46
66
76
86
96
A6
B6
C6
D6
E6
F6
06
K56
PA1
PB7
57
37
47
67
77
87
97
A7
B7
C7
D7
E7
F7
07
K57
PB0
58
38
48
68
78
88
98
A8
B8
C8
D8
E8
F8
08
K58
PB1
59
39
49
69
79
89
99
A9
B9
C9
D9
E9
F9
09
K59
PB2
5A
3A
4A
6A
7A
8A
9A
AA
BA
CA
DA
EA
FA
0A
K60
PB3
5B
3B
4B
6B
7B
8B
9B
AB
BB
CB
DB
EB
FB
0B
K61
PB4
5C
3C
4C
6C
7C
8C
9C
AC
BC
CC
DC
EC
FC
0C
K62
PB5
5D
3D
4D
6D
7D
8D
9D
AD
BD
CD
DD
ED
FD
0D
K63
PB6
5E
3E
4E
6E
7E
8E
9E
AE
BE
CE
DE
EE
FE
0E
K64
PA0
PB7
5F
3F
4F
6F
7F
8F
9F
AF
BF
CF
DF
EF
FF
0F
Note: Si=1 denotes press the key, Si=0 denotes open. The data in the table is all in hex.


Similar Part No. - SC9244

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC9243S SILAN-SC9243S Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
More results

Similar Description - SC9244

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
logo
Radiometrix Ltd
KFX2 RADIOMETRIX-KFX2 Datasheet
370Kb / 4P
   UHF FM CODE HOPPING REMOTE CONTROL KEYFOB TRANSMITTER
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
   Remote Control Transmitter
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com