Electronic Components Datasheet Search
  English  ▼

X  

SC9244 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC9244
Description  REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9244 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC9244 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC9244
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.24
Http: www.silan.com.cn
Page 3 of 11
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin no.
SOP24
SOP20
Pin name
I/O
Functions
1
1
OSCI
I
Oscillator input pin
2
2
OSCO
O
Oscillator output pin
3
3
GND
--
Ground
4~11
4~11
PB0~PB7
O
Key scan signal output pin
12
12
IROUT
O
Infrared transmitting output pin
15~16
--
PA0~PA1
I
Key scan signal input pin, when in SOP20 package, do not
have these two pins
17~20
14~17
PA2~PA5
I
Key scan signal input pin
22
18
VDD
--
Positive power supply
23~24
19~20
PA6~PA7
I
Key scan signal input pin
FUNCTION DESCRIPTIONS
1. OSCILLATOR CIRCUIT
There is a ceramic oscillator between OSCI and OSCO, and a 100pF capacitor whose capacitance is 455KHz
between two oscillator pins and GND. To reduce the power dissipation, the oscillator circuit will work when press
the key, or else it stops. It can generate 38KHz carrier by internal frequency division.
FIR=455KHz/12=37.92KHz
Duty=1/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com