Electronic Components Datasheet Search
  English  ▼

X  

SC9244 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC9244
Description  REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9244 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC9244 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SC9244
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.24
Http: www.silan.com.cn
Page 1 of 11
REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SOP-20-300-1.27
SOP-24-375-1.27
DESCRIPTION
SC9244 is an infrared remote control transmitter utilizing CMOS
Technology specially designed for infrared remote control system. It
provides 16 selectable system code, and 14 selectable data code. The
circuit has SOP20 and SOP24 two kind of package. The pin assignments
and application circuit are optimized for easy PCB Layout and cost saving
advantage.
FEATURES
* CMOS Technology
* Low Power Consumption (<1
µA)
* System code and data code selectable
* Internal 38KHz carrier, used for infrared transmitting
APPLICATIONS
* Infrared transmitting remote controller
* TV remote controller
* Video Recorder remote controller
* VCD audio remote controller
ORDERING INFORMATION
Device
Package
SC9244
SOP-20-300-1.27
SC9244A
SOP-24-375-1.27
BLOCK DIAGRAM


Similar Part No. - SC9244

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9240 FAIRVIEW-SC9240 Datasheet
599Kb / 3P
N Female Connector Tab Terminal Solder Attachment 4 Hole Flange
REV 1.1A
logo
Silan Microelectronics ...
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC9243S SILAN-SC9243S Datasheet
1,015Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
Infinite Electronics In...
SC9245 FAIRVIEW-SC9245 Datasheet
508Kb / 3P
N Female Connector Stub Terminal Solder Attachment 4 Hole Flange
REV 2.0
More results

Similar Description - SC9244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
REMOTE CONTROL TRANSMITTER
logo
STMicroelectronics
M3005LAB1 STMICROELECTRONICS-M3005LAB1 Datasheet
101Kb / 10P
REMOTE CONTROL TRANSMITTER
Jun-1992
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
Radiometrix Ltd
KFX2 RADIOMETRIX-KFX2 Datasheet
370Kb / 4P
UHF FM CODE HOPPING REMOTE CONTROL KEYFOB TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com