Electronic Components Datasheet Search
  English  ▼

X  

SC9244 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC9244
Description  REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9244 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC9244 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SC9244
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.24
Http: www.silan.com.cn
Page 2 of 11
ABSOLUTE MAXIMUM RATING
Characteristics
Symbol
Ratings
Unit
Operating Voltage
VDD
-0.3
7.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
Tamb
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
DC ELECTRICAL CHARACTERISTICS VDD=3.0V±10% VSS=0
Test conditions
Characteristics
Symbol
Pin
Conditions
Min.
Typ.
Max.
Unit
High Level Output
Voltage
VOH
PA7
PA0
PB7
PB0
IROUT
Iload=-0.8mA
VDD-0.5
-
-
V
Low Level Output
Voltage
VOL
PA7
PA0
PB7
PB0
IROUT
Iload=0.8mA
-
0.1
0.5
V
High Level Output
Driving Current
IOH
PA7
PA0
PB7
PB0
IROUT
VOH=2V
2
3
-
mA
Low Level Output
Driving Current
IOL
PA7
PA0
PB7
PB0
IROUT
VOL=1V
3
5
mA
High Level Input
Voltage
VIH
PA7
PA0
PB7
PB0
0.7VDD
VDD
V
Low Level Input Voltage
VIL
PA7
PA0
PB7
PB0
0
0.2VDD
V
Dynamic Power
Dissipation
Iddd
VDD
Main oscillator
455KHz
0.5
1
mA
Quiescent Power
Dissipation
Idds
VDD
Oscillator stops
0.2
1
µA
Pull-up Resistor
Rup
PA7
PA0
150
200
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com