Electronic Components Datasheet Search
  English  ▼

X  

SC9244 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC9244
Description  REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9244 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC9244 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SC9244
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.24
Http: www.silan.com.cn
Page 6 of 11
6. DATA CODE TABLE
DATA CODE(Next row shows the value of S8~S5)
No.
Keyboard
00
01
02
04
08
03
05
06
09
0A
0C
07
0B
0D
K1
PB0
00
K2
PB1
01
K3
PB2
02
K4
PB3
03
K5
PB4
04
K6
PB5
05
K7
PB6
06
K8
PA7
PB7
07
K9
PB0
08
K10
PB1
09
K11
PB2
0A
K12
PB3
0B
K13
PB4
0C
K14
PB5
0D
K15
PB6
0E
K16
PA6
PB7
0F
K17
PB0
10
K18
PB1
11
K19
PB2
12
K20
PB3
13
K21
PB4
14
K22
PB5
15
K23
PB6
16
K24
PA5
PB7
17
K25
PB0
18
K26
PB1
19
K27
PB2
1A
K28
PB3
1B
K29
PB4
1C
K30
PB5
1D
K31
PB6
1E
K32
PA4
PB7
1F
(To be continued


Similar Part No. - SC9244

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC9243S SILAN-SC9243S Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
More results

Similar Description - SC9244

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
logo
Radiometrix Ltd
KFX2 RADIOMETRIX-KFX2 Datasheet
370Kb / 4P
   UHF FM CODE HOPPING REMOTE CONTROL KEYFOB TRANSMITTER
logo
Motorola, Inc
MC14422 MOTOROLA-MC14422 Datasheet
220Kb / 6P
   REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2462 PTC-PT2462_10 Datasheet
448Kb / 12P
   Remote Control Transmitter
logo
NXP Semiconductors
SAA3004 PHILIPS-SAA3004 Datasheet
103Kb / 16P
   Remote control transmitter
August 1982
logo
Zarlink Semiconductor I...
MV500 ZARLINK-MV500 Datasheet
357Kb / 4P
   REMOTE CONTROL TRANSMITTER
logo
List of Unclassifed Man...
SL490B ETC-SL490B Datasheet
136Kb / 5P
   REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com