Electronic Components Datasheet Search
  English  ▼

X  

SC9244 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC9244
Description  REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC9244 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC9244 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC9244 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SC9244
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.0
2006.04.24
Http: www.silan.com.cn
Page 4 of 11
2. CODE TRANSMISSION
The transmitting code includes a lead code, 16-bit system code, 8-bit data code and 8-bit b1s complement of
data code.
The lead code is composed of 4.5ms high level and 4.5ms low level, thus 9ms in total, and it is used as the
leader for the following codes. Thus, when reception is configured by a microcomputer, it will time the various
operations such as decoding. The code uses the PPM (Pulse Phase Modulation) Method, with “0”and “1”
differentiated by the time between pulses.
3. REMOTE OUTPUT WAVEFORM
DOUT Output waveform
Successive transmission waveform
about 108ms
Data transmission waveform about
108ms
About 38ms
Press
the key
Data transmission waveform
9ms
17.92ms~36ms
27ms
B1s complement of
key data code
System code
System code
Lead code
Key data code
0
1
1
1
0
4.5ms
4.5ms
9ms
1.125ms 2.25ms
0.56ms
Successive transmission waveform
4.5ms
4.5ms
9ms
2.25ms
When S0( System code BIT0)=0, this bit transmits 1
1/3
2/3
38KHz
Carrier waveform
0.56ms
0.56ms
When oscillation frequency is 455 KHz, the output signal is modulated by 38 KHz of duty 1/3 (which is 1/12 of
the carrier generation circuit).
Note: In designing the firmware of the receiving and decoding circuit, please strictly follow the following
instructions:
1) System Codes: The same code is transmitted twice and therefore, and then decodes system codes for
two times and check if they are in agreement with each other.
2) Key Data Codes: The Key Data Code and its inversed code are always transmitted together, therefore,
check if they are in agreement with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com