Electronic Components Datasheet Search
  English  ▼

X  

USB2517 Datasheet(PDF) 27 Page - SMSC Corporation

Part # USB2517
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2517 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button USB2517 Datasheet HTML 23Page - SMSC Corporation USB2517 Datasheet HTML 24Page - SMSC Corporation USB2517 Datasheet HTML 25Page - SMSC Corporation USB2517 Datasheet HTML 26Page - SMSC Corporation USB2517 Datasheet HTML 27Page - SMSC Corporation USB2517 Datasheet HTML 28Page - SMSC Corporation USB2517 Datasheet HTML 29Page - SMSC Corporation USB2517 Datasheet HTML 30Page - SMSC Corporation USB2517 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
27
Revision 1.0 (3-11-09)
DATASHEET
5.3
Buffer Type Descriptions
SEL48
I
48 MHz Clock Input Selection
48 MHz external input clock select. When the hub is clocked from an external
clock source, this pin selects either 24 MHz or 48 MHz mode.
‘0’ = 24 MHz
‘1’ = 48 MHz
POWER, GROUND, and NO CONNECTS
CRFILT
VDD Core Regulator Filter Capacitor
This pin must have a 1.0
μF (or greater) ±20% (ESR <0.1
Ω) capacitor to
VSS.
VDD33
3.3 V Power
PLLFILT
PLL Regulator Filter Capacitor
This pin must have a 1.0
μF (or greater) ±20% (ESR <0.1
Ω) capacitor to
VSS.
VSS
Ground Pad / ePad
The package slug is the only VSS for the device and must be tied to ground
with multiple vias.
NC
No Connect
No signal or trace should be routed or attached to these pins.
Table 5.3 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input.
I/O
Input/Output.
IPD
Input with internal weak pull-down resistor.
IPU
Input with internal weak pull-up resistor.
IS
Input with Schmitt trigger.
O12
Output 12 mA.
Table 5.2 USB251x Pin Descriptions (continued)
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com