Electronic Components Datasheet Search
  English  ▼

X  

USB2517 Datasheet(PDF) 49 Page - SMSC Corporation

Part # USB2517
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2517 Datasheet(HTML) 49 Page - SMSC Corporation

Back Button USB2517 Datasheet HTML 45Page - SMSC Corporation USB2517 Datasheet HTML 46Page - SMSC Corporation USB2517 Datasheet HTML 47Page - SMSC Corporation USB2517 Datasheet HTML 48Page - SMSC Corporation USB2517 Datasheet HTML 49Page - SMSC Corporation USB2517 Datasheet HTML 50Page - SMSC Corporation USB2517 Datasheet HTML 51Page - SMSC Corporation USB2517 Datasheet HTML 52Page - SMSC Corporation USB2517 Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
49
Revision 1.0 (3-11-09)
DATASHEET
8.2.1.32
Register FCh: PortMap 34
BIT
NUMBER
BIT NAME
DESCRIPTION
7:0
PRTR34
PortMap register for ports 3 & 4.
When a hub is enumerated by a USB host controller, the hub is only
permitted to report how many ports it has; the hub is not permitted to select
a numerical range or assignment. The host controller will number the
downstream ports of the hub starting with the number '1', up to the number
of ports that the hub reported having.
The host's port number is referred to as "Logical Port Number" and the
physical port on the hub is the “Physical Port Number". When mapping mode
is enabled (see PRTMAP_EN in Register 08h: Configuration Data Byte 3)
the hub's downstream port numbers can be mapped to different logical port
numbers (assigned by the host).
Note:
OEM must ensure that contiguous logical port numbers are used,
starting from #1 up to the maximum number of enabled ports; this
ensures that the hub's ports are numbered in accordance with the
way a host will communicate with the ports.
Table 8.4 PortMap Register for Ports 3 & 4
Bit [7:4]
‘0000’
Physical Port 4 is Disabled
‘0001’
Physical Port 4 is mapped to Logical Port 1
‘0010’
Physical Port 4 is mapped to Logical Port 2
‘0011’
Physical Port 4 is mapped to Logical Port 3
‘0100’
Physical Port 4 is mapped to Logical Port 4
‘0101’
Physical Port 4 is mapped to Logical Port 5
‘0100’
Physical Port 4 is mapped to Logical Port 6
‘0111’
Physical Port 4 is mapped to Logical Port 7
‘1000’
to
‘1111’
Reserved, will default to ‘0000’ value
Bit [3:0]
‘0000’
Physical Port 3 is Disabled
‘0001’
Physical Port 3 is mapped to Logical Port 1
‘0010’
Physical Port 3 is mapped to Logical Port 2
‘0011’
Physical Port 3 is mapped to Logical Port 3
‘0100’
Physical Port 3 is mapped to Logical Port 4
‘0101’
Physical Port 3 is mapped to Logical Port 5
‘0110’
Physical Port 3 is mapped to Logical Port 6
‘0111’
Physical Port 3 is mapped to Logical Port 7
‘1000’
to
‘1111’
Reserved, will default to ‘0000’ value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com