Electronic Components Datasheet Search
  English  ▼

X  

USB2517 Datasheet(PDF) 66 Page - SMSC Corporation

Part # USB2517
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2517 Datasheet(HTML) 66 Page - SMSC Corporation

Back Button USB2517 Datasheet HTML 62Page - SMSC Corporation USB2517 Datasheet HTML 63Page - SMSC Corporation USB2517 Datasheet HTML 64Page - SMSC Corporation USB2517 Datasheet HTML 65Page - SMSC Corporation USB2517 Datasheet HTML 66Page - SMSC Corporation USB2517 Datasheet HTML 67Page - SMSC Corporation USB2517 Datasheet HTML 68Page - SMSC Corporation USB2517 Datasheet HTML 69Page - SMSC Corporation USB2517 Datasheet HTML 70Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
66
SMSC USB251x
DATASHEET
Chapter 10 AC Specifications
10.1
Oscillator/Clock
Crystal: Parallel Resonant, Fundamental Mode, 24/481 MHz
±350 ppm.
External Clock: 50% Duty cycle
± 10%, 24/48 MHz ± 350 ppm, Jitter < 100 ps rms.
Figure 10.1 Typical Crystal Circuit
Note: CB equals total board/trace capacitance.
Figure 10.2 Formula to Find the Value of C1 and C2
Figure 10.3 Simplified Form of the Capacitance Formula
10.1.1
SMBus Interface:
The SMSC Hub conforms to all voltage, power, and timing characteristics and specifications as set
forth in the SMBus 1.0 specification for Slave-Only devices (except as noted in Section 8.3).
10.1.2
I2C EEPROM:
Clock frequency is fixed at 60 KHz
± 20%.
10.1.3
USB 2.0
The SMSC Hub conforms to all voltage, power, and timing characteristics and specifications as set
forth in the USB 2.0 specification. Please refer to the USB 2.0 specification for more information.
1.Only when SEL48 is available and supported.
XTAL1
(CS1 = CB + CXTAL )
XTAL2
(CS2 = CB + CXTAL )
C1
C2
CL
1 Meg
Crystal
(C1 + CS1) x (C2 + CS2)
(C1 + CS1 + C2 + CS2)
CL =
C = (2 x CL) - Cs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com