Electronic Components Datasheet Search
  English  ▼

X  

USB2517 Datasheet(PDF) 30 Page - SMSC Corporation

Part # USB2517
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2517 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button USB2517 Datasheet HTML 26Page - SMSC Corporation USB2517 Datasheet HTML 27Page - SMSC Corporation USB2517 Datasheet HTML 28Page - SMSC Corporation USB2517 Datasheet HTML 29Page - SMSC Corporation USB2517 Datasheet HTML 30Page - SMSC Corporation USB2517 Datasheet HTML 31Page - SMSC Corporation USB2517 Datasheet HTML 32Page - SMSC Corporation USB2517 Datasheet HTML 33Page - SMSC Corporation USB2517 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
Revision 1.0 (3-11-09)
30
SMSC USB251x
DATASHEET
Figure 6.1 shows a simple example of how this LED circuit will be implemented. The circuit should be
replicated for each of the x LED pins on the SMSC hub. In this circuit, when the LED pin is driven to
a logic low state, the Green LED will light up. When the LED pin is driven to a Logic High state the
Red LED will light up. When a 1 KHz square wave is driven out on the LED pin, the Green and Red
LED's will both alternately light up giving the effect of the color Orange. When nothing is driven out on
the LED pin (i.e. the pin floats to a "tri-state" condition), neither the Green nor Red LED will light up,
this is the "Off" state.
The assignment is as follows:
LED_A_N[x:1] = LED D[x:1] (Downstream Port [x:1])
The usage is as follows:
LED_A_N[x] Driven to Logic Low = LS device attached (Green LED)
LED_A_N[x] Driven to Logic High = FS device attached (Red LED)
LED_A_N[x] Pulsed @ 1 KHz = HS device attached (Orange color by pulsing Red & Green).
LED_A_N[x] is tri-state= No devices are attached, or the hub is in suspend, LED's are off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com