Electronic Components Datasheet Search
  English  ▼

X  

USB2517 Datasheet(PDF) 63 Page - SMSC Corporation

Part # USB2517
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2517 Datasheet(HTML) 63 Page - SMSC Corporation

Back Button USB2517 Datasheet HTML 59Page - SMSC Corporation USB2517 Datasheet HTML 60Page - SMSC Corporation USB2517 Datasheet HTML 61Page - SMSC Corporation USB2517 Datasheet HTML 62Page - SMSC Corporation USB2517 Datasheet HTML 63Page - SMSC Corporation USB2517 Datasheet HTML 64Page - SMSC Corporation USB2517 Datasheet HTML 65Page - SMSC Corporation USB2517 Datasheet HTML 66Page - SMSC Corporation USB2517 Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
63
Revision 1.0 (3-11-09)
DATASHEET
Supply Current Configured
Hi-Speed Host, 1 downstream port
USB2512/12A/12B
USB2512i/12Ai/12Bi
USB2513/13B
USB2513i/13Bi
USB2514/14B
USB2514i/14Bi
USB2517
USB2517i
IHCH1
IHCH1
IHCH1
IHCH1
IHCH1
IHCH1
IHCH1
IHCH1
130
130
150
150
155
155
240
240
155
160
180
185
200
205
275
280
mA
mA
mA
mA
mA
mA
mA
mA
Supply Current Configured
Hi-Speed Host, each additional
downstream port
1 port
base
+
15 mA
1 port
base
+
40 mA
mA
Supply Current Configured
Full-Speed Host, 1 downstream port
USB2512/12A/12B
USB2512i/12Ai/12Bi
USB2513/13B
USB2513i/13Bi
USB2514/14B
USB2514i/14Bi
USB2517
USB2517i
IFCC1
IFCC1
IFCC1
IFCC1
IFCC1
IFCC1
IFCC1
IFCC1
105
105
125
125
140
140
215
215
125
135
135
140
150
155
220
225
mA
mA
mA
mA
mA
mA
mA
mA
Supply Current Configured
Full-Speed Host, each additional
downstream port
1 port
base
+
0 mA
1 port
base
+
0 mA
mA
There is no
additional current for
additional ports.
Table 9.1 DC Electrical Characteristics (continued)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com