Electronic Components Datasheet Search
  English  ▼

X  

USB2517 Datasheet(PDF) 33 Page - SMSC Corporation

Part # USB2517
Description  USB 2.0 Hi-Speed Hub Controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2517 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button USB2517 Datasheet HTML 29Page - SMSC Corporation USB2517 Datasheet HTML 30Page - SMSC Corporation USB2517 Datasheet HTML 31Page - SMSC Corporation USB2517 Datasheet HTML 32Page - SMSC Corporation USB2517 Datasheet HTML 33Page - SMSC Corporation USB2517 Datasheet HTML 34Page - SMSC Corporation USB2517 Datasheet HTML 35Page - SMSC Corporation USB2517 Datasheet HTML 36Page - SMSC Corporation USB2517 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
USB 2.0 Hi-Speed Hub Controller
Datasheet
SMSC USB251x
33
Revision 1.0 (3-11-09)
DATASHEET
Chapter 8 Configuration Options
8.1
Hub
SMSC’s USB 2.0 hub is fully specification compliant to the Universal Serial Bus specification, version
2.0, April 27, 2000 (12/7/2000 and 5/28/2002 Errata). Please reference Chapter 10 (Hub specification)
for general details regarding hub operation and functionality.
The hub provides 1 Transaction Translator (TT) that is shared by both downstream ports (defined as
Single-TT configuration), The TT contains 4 non-periodic buffers.
8.1.1
Hub Configuration Options
The SMSC hub supports a large number of features (some are mutually exclusive), and must be
configured in order to correctly function when attached to a USB host controller. There are three
principal ways to configure the hub: SMBus, EEPROM, or by internal default settings (with or without
configuration option over-rides). In all cases, the configuration method will be determined by the
CFG_SEL[2], CFG_SEL[1] and CFG_SEL[0] pins immediately after RESET_N negation. Please refer
to Table 8.1, "Hub Configuration Options" for more information.
8.1.2
SMBus or EEPROM Interface
Table 8.1 Hub Configuration Options
CFG_SEL[2]
CFG_SEL[1]
CFG_SEL[0]
DESCRIPTION
0
0
0
Internal Default Configuration without any over-rides
Strap options enabled
Self-powered operation enabled
LED mode = Speed (when available on package)
Individual power switching
Individual over-current sensing
0
0
1
Configured as an SMBus slave for external download of
user-defined descriptors
Strap options disabled
All settings are controlled by registers as set by the user
0
1
0
Internal Default Configuration
Strap options enabled
Bus-powered operation
LED mode = USB (when available on package)
Individual power switching
Individual over-current sensing
01
1
2-Wire I2C EEPROMS are supported
Strap options disabled
All settings are controlled by registers as set by the user



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com