Electronic Components Datasheet Search
  English  ▼

X  

SM8136AB Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8136AB
Description  White LED Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136AB Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8136AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —7
Immediately after startup, the device operates in
×1.5 mode for a fixed interval (soft start time: approximately
2ms) to set the current for LEDs connected to the DIN pins.
(1) If the EN signal is input after power is applied, the soft start time begins on the EN rising edge. The EN
input signal for dimming is active during the soft start time.
(2) The LED drive starts immediately before the end of the LED turn-on delay time.
Switching to Standby Mode
The SM8136A operating mode switches from
×1.0/×1.5 mode to standby mode if EN goes LOW and stays
LOW for an interval of 1.00ms (typ). This function is used to switch the internal circuits to standby mode auto-
matically when the LEDs turn OFF in order to reduce current consumption.
I
When EN is LOW for longer than the CE hold time of 1.00ms (typ), the SM8136A switches to standby
mode. In standby mode, the internal circuits are reset, hence the drive current settings must be re-entered to
restart the device.
Soft start time and LED current
Switching to standby mode, and EN hold time
EN
LED current
(1)
(2)
Soft start time
typ: 2ms
LED ON
Dimming pulse enable
VIN
VIN High
CE hold time
typ: 1.00ms
EN
LED current
1.0 or 1.5
Standby
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com