Electronic Components Datasheet Search
  English  ▼

X  

SM8136AB Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM8136AB
Description  White LED Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136AB Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM8136AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —13
LED
× 2
Note. If the driving LED is less than 3 pcs, unused DIN pins should be connect to GND.
The HIGH-level and LOW-level pulsewidths for the pulse input on EN must be 4.0
µs or longer (see “Electrical Characteristics”).
1
µF
1
µF1µF
1
µF
VIN
EN
Control
logic
Current
control
&
Current
detect
Mode control
&
Output voltage control
&
Protection
C1P
C1M
C2P
C2M
VOUT
DIN1
DIN2
DIN3
GND
Charge pump
1/ 1.5
20mA 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com