Electronic Components Datasheet Search
  English  ▼

X  

SM8136AB Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM8136AB
Description  White LED Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136AB Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM8136AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —10
A mode hold signal of 200
µs (max) duration is output immediately after switching to ×1.0 mode. The VOUT
output is held in
×1.0 mode and any LED drive current insufficient detection signal is ignored during the mode
hold signal output. For example, if the VIN voltage drops and the VOUT output voltage in ×1.0 mode cannot
provide sufficient current to drive the LEDs, a LED drive current insufficient condition occurs momentarily due
to the mode reset. The LED low-current detector circuit outputs a LED drive current insufficient signal imme-
diately after switching modes, but during the mode hold time the device stays in
×1.0 mode and does not
switch to
×1.5 mode. Consequently, the VOUT voltage drops and the LED brightness decreases during the 85µs
(min) to 200
µs (max) mode hold time. However, a 200µs decrease in the brightness is not a problem as it is not
perceptible to the human eye.
VOUT drop due to mode reset signal
Mode reset
(1 sec/cycle)
Mode hold
(L: hold)
Low ILED detector
(H: Low ILED)
VOUT voltage
VIN voltage
1.0sec
5.0V
max
200
µS
VOUT mode
(H: 1.5, L: 1.0)
1.0
1.5 threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com