Electronic Components Datasheet Search
  English  ▼

X  

SM8136AB Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM8136AB
Description  White LED Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136AB Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM8136AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —8
Switching from
×1.0 Mode to ×1.5 Mode
When the LEDs are ON and can be driven at the fixed current value set by the EN pulse input without needing
to boost the VIN input voltage, the VOUT output operates in
×1.0 mode. In other words, if sufficient current
flows to counter the LED forward-bias voltage drop VF, it means the VOUT voltage may drop below 5.0V. The
longer that the driver output operates in the more efficient
×1.0 mode, the lower the total power consumption
and the longer the battery life can be extended. Also, by using LEDs with low VF and a lower LED drive cur-
rent setting, the longer the device can operate automatically in
×1.0 mode.
If the VIN voltage drops and the LED current drops below the fixed current setting in
×1.0 mode, an undercur-
rent detection circuit connected to each LED drive circuit activates and automatically switches the VOUT out-
put mode to
×1.5 mode that uses a charge pump to boost the voltage by a factor of 1.5. The LED undercurrent
detection circuit switches the output mode when it detects an undercurrent condition on any one of the three
channels. Accordingly, there should be as low a variation as possible in drive LED VF values in order to
improve overall efficiency.
(1) The VIN voltage drops below the
×1.5 mode threshold value.
(2) When the voltage drops below the
×1.5 mode threshold, the ILED detection circuit raises an ILED undercur-
rent signal.
(3) The VOUT output switches to
×1.5 mode in response to the ILED undercurrent signal.
(4) The VOUT voltage drops below 5.0V but still supplies sufficient current until reaching the
×1.5 switching
threshold.
Note that if the LEDs connected to the DIN pins are switched after startup, the LED connection detection cir-
cuit will operate incorrectly and the correct mode switching functions cannot occur.
VOUT mode switching interval comparison due to drive LED “VF” variation
VIN voltage drop and VOUT output voltage
High
High VF LED
Low VF LED
VIN
Low
1.0 mode
(high efficiency)
1.5 mode
1.0 mode
(high efficiency)
(low efficiency)
1.5 mode
(low efficiency)
VIN voltage
VOUT mode
VOUT voltage
5.0V
1.0 mode
1.5 mode
1.0
1.5 threshold
ILED detector
Lack of LED current detect
(1)
(2)
(3)
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com