Electronic Components Datasheet Search
  English  ▼

X  

SM8136AB Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM8136AB
Description  White LED Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136AB Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM8136AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —9
Switching from
×1.5 Mode to ×1.0 Mode
The LED VF increases immediately after the LED current starts to flow, and then decreases as the LED temper-
ature increases due to the heating effect of the current flow. It can take about 10 seconds or more for the LED
temperature to stabilize and for VF to reach equilibrium, and VF may fluctuate more than 200mV. The VF fluc-
tuation is affected by the ambient temperature and LED current setting, and has a large affect on the automatic
mode switching voltage tolerances. To counter the effects of VF fluctuation, the SM8136A outputs a mode
reset signal once every 1.0 seconds which automatically switches the output mode to
×1.0, and then a determi-
nation is made whether to make the
×1.0 → ×1.5 mode switch.
(1) Mode reset signal is output once every 1.0 seconds.
(2) Mode switches from
×1.5 to ×1.0 mode on the rising edge of the mode reset signal.
(3) A 200
µs (max) mode hold time begins after switching to ×1.0 mode. LED drive current insufficient state is
detected but the mode is not switched during this interval.
(4) LED drive current insufficient signal is ignored during the mode hold time, but normal mode switching
operation resumes when the mode hold time elapses.
Switching from
×1.5 mode to ×1.0 mode due to mode reset signal
Mode hold
L: hold
VOUT voltage
ILED detector
Mode reset
1.0sec/cycle
min 80
µs
max 200
µs
ILED detector
ignore
5.0V
VOUT mode
(1)
(2)
(3)
(4)
1.5 mode
1.0 mode
1.5 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com