Electronic Components Datasheet Search
  English  ▼

X  

SM8136AB Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM8136AB
Description  White LED Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8136AB Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM8136AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8136AB Datasheet HTML 15Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SM8136A
SEIKO NPC CORPORATION —11
PERIPHERAL PARTS
About the External Capacitors
The best capacitors for use with the SM8136A are multi-layer ceramic capacitors. When selecting a multi-layer
ceramic capacitor, only X5R and X7R dielectric types are strongly recommended, since the loss of capacitance
in various conditions is less than other types such as Z5U and Y5V. The much loss of capacitance in various
conditions may cause the output voltage unstable.
About the Input Capacitor "C4"
The parts layout of PCB may merely cause the “VOUT” output voltage unstable. In this case, increasing the
“C4” input capacitance value or adding another capacitor on the VIN input line is effective to solve the unsta-
ble output voltage.
The EIA three digit "TC" code
Lower temperature limit
High temperature limit
Maximum allowable capacitance
change from
+25°C (0V DC)
X =
−55°C
5 =
+85°C
F = ± 7.5%
Y =
−30°C
6 =
+105°C
P = ± 10%
Z =
+10°C
7 =
+125°C
R = ± 15%
8 =
+150°C
S = ± 22%
T =
+22%/−33%
U =
+22%/−56%
V =
+22%/−82%
For example
: X5R
Recommended parts list
Manufacture
Part number
Capacitance [
µF]
Dimensions [mm]
WL
T
TDK
C1608JB1C105K
1.0
1.6
0.8
0.8
MURATA
GRM188B11A105KA61
1.0
1.6
0.8
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com