Electronic Components Datasheet Search
  English  ▼

X  

8735AM-21 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8735AM-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735AM-21 Datasheet(HTML) 2 Page - Integrated Device Technology

  8735AM-21 Datasheet HTML 1Page - Integrated Device Technology 8735AM-21 Datasheet HTML 2Page - Integrated Device Technology 8735AM-21 Datasheet HTML 3Page - Integrated Device Technology 8735AM-21 Datasheet HTML 4Page - Integrated Device Technology 8735AM-21 Datasheet HTML 5Page - Integrated Device Technology 8735AM-21 Datasheet HTML 6Page - Integrated Device Technology 8735AM-21 Datasheet HTML 7Page - Integrated Device Technology 8735AM-21 Datasheet HTML 8Page - Integrated Device Technology 8735AM-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
2
ICS8735AM-21 REV. A JULY 31, 2008
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Name
Type
Description
CLK
Input
Pulldown
Non-inverting differential clock input.
nCLK
Input
Pullup
Inverting differential clock input.
nFB_IN
Input
Pullup
Inverting differential feedback input to phase detector for regenerating clocks with “zero delay.”
FB_IN
Input
Pulldown
Non-inverted differential feedback input to phase detector for regenerating clocks with
“zero delay.”
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset causing the true
output Q to go low and the inverted output nQ to go high. When logic LOW, the internal
dividers and the outputs are enabled. LVCMOS / LVTTL interface levels.
SEL0, SEL1,
SEL2, SEL3
Input
Pulldown
Determines output divider values in Table 3. LVCMOS / LVTTL interface levels.
PLL_SEL
Input
Pullup
PLL select. Selects between the PLL and reference clock as the input to the dividers.
When LOW, selects reference clock. When HIGH, selects PLL.
LVCMOS/LVTTL interface levels.
nQ, Q
Output
Differential output pair. LVPECL interface levels.
nQFB, QFB
Output
Differential feedback output pair. LVPECL interface levels.
VEE
Power
Negative supply pin.
VCC
Power
Core supply pins.
VCCA
Power
Analog supply pin.
VCCO
Power
Output supply pin.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
Ω
RPULLDOWN Input Pulldown Resistor
51
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com