Electronic Components Datasheet Search
  English  ▼

X  

8735AM-21 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 8735AM-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735AM-21 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 8735AM-21 Datasheet HTML 6Page - Integrated Device Technology 8735AM-21 Datasheet HTML 7Page - Integrated Device Technology 8735AM-21 Datasheet HTML 8Page - Integrated Device Technology 8735AM-21 Datasheet HTML 9Page - Integrated Device Technology 8735AM-21 Datasheet HTML 10Page - Integrated Device Technology 8735AM-21 Datasheet HTML 11Page - Integrated Device Technology 8735AM-21 Datasheet HTML 12Page - Integrated Device Technology 8735AM-21 Datasheet HTML 13Page - Integrated Device Technology 8735AM-21 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
10
ICS8735AM-21 REV. A JULY 31, 2008
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter perform-
ance, power supply isolation is required. The ICS8735-21 provides
separate power supplies to isolate any high switching noise from
the outputs to the internal PLL. VCC, VCCA and VCCO should be
individually connected to the power supply plane through vias, and
0.01µF bypass capacitors should be used for each pin. Figure 1
illustrates this for a generic VCC pin and also shows that VCCA
requires that an additional 10
Ω resistor along with a 10µF bypass
capacitor be connected to the VCCA pin. The 10Ω resistor can also
be replaced by a ferrite bead.
Figure 1. Power Supply Filtering
Wiring the Differential Input to Accept Single Ended Levels
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = VCC/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to position the V_REF in the
center of the input voltage swing. For example, if the input clock
swing is only 2.5V and VCC = 3.3V, V_REF should be 1.25V and
R2/R1 = 0.609.
Figure 2. Single-Ended Signal Driving Differential Input
VCC
VCCA
3.3V
10
Ω
10µF
.01µF
.01µF
V_REF
Single Ended Clock Input
VCC
CLK
nCLK
R1
1K
C1
0.1u
R2
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com