Electronic Components Datasheet Search
  English  ▼

X  

8735AM-21 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 8735AM-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735AM-21 Datasheet(HTML) 1 Page - Integrated Device Technology

  8735AM-21 Datasheet HTML 1Page - Integrated Device Technology 8735AM-21 Datasheet HTML 2Page - Integrated Device Technology 8735AM-21 Datasheet HTML 3Page - Integrated Device Technology 8735AM-21 Datasheet HTML 4Page - Integrated Device Technology 8735AM-21 Datasheet HTML 5Page - Integrated Device Technology 8735AM-21 Datasheet HTML 6Page - Integrated Device Technology 8735AM-21 Datasheet HTML 7Page - Integrated Device Technology 8735AM-21 Datasheet HTML 8Page - Integrated Device Technology 8735AM-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
700MHz, DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY CLOCK GENERATOR
ICS8735-21
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
1
ICS8735AM-21 REV. A JULY 31, 2008
General Description
The ICS8735-21 is a highly versatile 1:1 Differential-
to-3.3V LVPECL clock generator and a member of
the HiPerClockS™family of High Performance Clock
Solutions from IDT. The CLK, nCLK pair can accept
most standard differential input levels. The
ICS8735-21 has a fully integrated PLL and can be configured as
zero delay buffer, multiplier or divider, and has an output frequency
range of 31.25MHz to 700MHz. The reference divider, feedback
divider and output divider are each programmable, thereby
allowing for the following output-to-input frequency ratios: 8:1, 4:1,
2:1, 1:1, 1:2, 1:4, 1:8. The external feedback allows the device to
achieve “zero delay” between the input clock and the output
clocks. The PLL_SEL pin can be used to bypass the PLL for
system test and debug purposes. In bypass mode, the reference
clock is routed around the PLL and into the internal output
dividers.
Features
• One differential 3.3V LVPECL output pair
One differential feedback output pair
• Differential CLK/nCLK input pair
• CLK/nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• Cycle-to-cycle jitter: 25ps (maximum)
• Static phase offset: 50ps ± 100ps
• Full 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages
HiPerClockS™
ICS
9
10 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
SEL0
SEL1
nc
nc
CLK
nCLK
nc
MR
VCCO
nc
Q
nQ
QFB
nQFB
nc
VCCO
Block Diagram
PLL_SEL
CLK
nCLK
FB_IN
nFB_IN
SEL0
SEL1
SEL2
SEL3
MR
Q
nQ
QFB
nQFB
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
0
1
÷1, ÷2, ÷4, ÷8,
÷16, ÷32, ÷64
Pullup
Pullup
Pulldown
Pullup
Pulldown
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pin Assignments
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
nQFB
VEE
SEL2
FB_IN
nFB_IN
VCC
MR
nCLK
CLK
QFB
nc
SEL1
SEL0
VCC
PLL_SEL
VCCA
SEL3
VCCO
Q
nQ
ICS8735-21
20-Lead SOIC
7.5mm x 12.8mm x 2.3mm package body
M Package
Top View
ICS8735-21
32-Lead VFQFN
5mm x 5mm x 0.925mm
package body
K Package
Top View


Similar Part No. - 8735AM-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8735AY-31LF IDT-8735AY-31LF Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735AY-31LF RENESAS-8735AY-31LF Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735AY-31LF RENESAS-8735AY-31LF Datasheet
610Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
logo
Integrated Device Techn...
8735AY-31LFT IDT-8735AY-31LFT Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
logo
Renesas Technology Corp
8735AY-31LFT RENESAS-8735AY-31LFT Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
More results

Similar Description - 8735AM-21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
logo
Integrated Device Techn...
ICS872S480 IDT-ICS872S480 Datasheet
826Kb / 20P
Differential-to-HSTL Zero Delay Clock Generator
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
87354 IDT-87354 Datasheet
198Kb / 15P
Differential-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com