Electronic Components Datasheet Search
  English  ▼

X  

8735AM-21 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 8735AM-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735AM-21 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 8735AM-21 Datasheet HTML 2Page - Integrated Device Technology 8735AM-21 Datasheet HTML 3Page - Integrated Device Technology 8735AM-21 Datasheet HTML 4Page - Integrated Device Technology 8735AM-21 Datasheet HTML 5Page - Integrated Device Technology 8735AM-21 Datasheet HTML 6Page - Integrated Device Technology 8735AM-21 Datasheet HTML 7Page - Integrated Device Technology 8735AM-21 Datasheet HTML 8Page - Integrated Device Technology 8735AM-21 Datasheet HTML 9Page - Integrated Device Technology 8735AM-21 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
6
ICS8735AM-21 REV. A JULY 31, 2008
Table 4C. Differential DC Characteristics, VCC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Table 4D. LVPECL DC Characteristics, VCC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
Ω to V
CCO – 2V.
Table 5. Input Frequency Characteristics, VCC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK, FB_IN
VCC = VIN = 3.465V
150
µA
nCLK, nFB_IN
VCC = VIN = 3.465V
5
µA
IIL
Input Low Current
CLK, FB_IN
VCC = 3.465V,
VIN = 0V
-5
µA
nCLK, nFB_IN
VCC = 3.465V,
VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
VEE + 0.5
VCC – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage; NOTE 1
VCCO – 1.4
VCCO – 0.9
V
VOL
Output Low Voltage; NOTE 1
VCCO – 2.0
VCCO – 1.7
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fIN
Input Frequency
CLK, nCLK
PLL_SEL = 1
31.25
700
MHz
PLL_SEL = 0
700
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com