Electronic Components Datasheet Search
  English  ▼

X  

8735AM-21 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8735AM-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735AM-21 Datasheet(HTML) 5 Page - Integrated Device Technology

  8735AM-21 Datasheet HTML 1Page - Integrated Device Technology 8735AM-21 Datasheet HTML 2Page - Integrated Device Technology 8735AM-21 Datasheet HTML 3Page - Integrated Device Technology 8735AM-21 Datasheet HTML 4Page - Integrated Device Technology 8735AM-21 Datasheet HTML 5Page - Integrated Device Technology 8735AM-21 Datasheet HTML 6Page - Integrated Device Technology 8735AM-21 Datasheet HTML 7Page - Integrated Device Technology 8735AM-21 Datasheet HTML 8Page - Integrated Device Technology 8735AM-21 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
5
ICS8735AM-21 REV. A JULY 31, 2008
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. Power Supply DC Characteristics, VCC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VCC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
Item
Rating
Supply Voltage, VCC
4.6V
Inputs, VI
-0.5V to VCC + 0.5V
Outputs, IO
Continuos Current
Surge Current
50mA
100mA
Package Thermal Impedance,
θ
JA
20 Lead SOIC
32 Lead VFQFN
46.2
°C/W (0 lfpm)
37.0
°C/W (0 mps)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VCC
Core Supply Voltage
3.135
3.3
3.465
V
VCCA
Analog Supply Voltage
3.135
3.3
3.465
V
VCCO
Output Supply Voltage
3.135
3.3
3.465
V
IEE
Power Supply Current
150
mA
ICCA
Analog Supply Current
15
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
SEL[0:3], MR
VCC = VIN = 3.465V
150
µA
PLL_SEL
VCC = VIN = 3.465V
5
µA
IIL
Input Low Current
SEL[0:3], MR
VCC = 3.465V, VIN = 0V
-5
µA
PLL_SEL
VCC = 3.465V, VIN = 0V
-150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com