Electronic Components Datasheet Search
  English  ▼

X  

8735AM-21 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 8735AM-21
Description  700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8735AM-21 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 8735AM-21 Datasheet HTML 3Page - Integrated Device Technology 8735AM-21 Datasheet HTML 4Page - Integrated Device Technology 8735AM-21 Datasheet HTML 5Page - Integrated Device Technology 8735AM-21 Datasheet HTML 6Page - Integrated Device Technology 8735AM-21 Datasheet HTML 7Page - Integrated Device Technology 8735AM-21 Datasheet HTML 8Page - Integrated Device Technology 8735AM-21 Datasheet HTML 9Page - Integrated Device Technology 8735AM-21 Datasheet HTML 10Page - Integrated Device Technology 8735AM-21 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL ZERO DELAY CLOCK GENERATOR
7
ICS8735AM-21 REV. A JULY 31, 2008
AC Electrical Characteristics
Table 6. AC Characteristics, VCC = VCCA = VCCO = 3.3V ± 5%, VEE = 0V, TA = 0°C to 70°C
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as the time difference between the input reference clock and the averaged feedback input signal across all conditions,
when the PLL is locked and the input reference frequency is stable.
NOTE 5: Characterized at VCO frequency of 622MHz.
NOTE 6: Phase jitter is dependent on the input source used.
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
700
MHz
tPD
Propagation Delay; NOTE 1
PLL_SEL = 0V, f
≤ 700MHz
3.0
4.2
ns
tsk(o)
Output Skew; NOTE 2, 3
PLL_SEL = 0V
20
ps
tsk(Ø)
Static Phase Offset; NOTE 3, 4
PLL_SEL = 3.3V
-50
50
150
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 3, 5
25
ps
tjit(
θ)
Phase Jitter; NOTE 3, 5, 6
±50
ps
tL
PLL Lock Time
1ms
tR / tF
Output Rise/Fall Time; NOTE 7
20% to 80% @ 50MHz
300
700
ps
odc
Output Duty Cycle
47
53
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com