Electronic Components Datasheet Search
  English  ▼

X  

ICS8430002 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ICS8430002
Description  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ICS8430002 Datasheet HTML 12Page - Integrated Device Technology ICS8430002 Datasheet HTML 13Page - Integrated Device Technology ICS8430002 Datasheet HTML 14Page - Integrated Device Technology ICS8430002 Datasheet HTML 15Page - Integrated Device Technology ICS8430002 Datasheet HTML 16Page - Integrated Device Technology ICS8430002 Datasheet HTML 17Page - Integrated Device Technology ICS8430002 Datasheet HTML 18Page - Integrated Device Technology ICS8430002 Datasheet HTML 19Page - Integrated Device Technology ICS8430002 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
16
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
Crystal Input Interface
The ICS8430002 has been characterized with 18pF parallel resonant
crystals. The capacitor values, C1 and C2, shown in Figure 4 below
were determined using an 18pF parallel resonant crystal and were
chosen to minimize the ppm error. These same capacitor values will
tune any 18pF parallel resonant crystal over the frequency range and
other parameters specified in this data sheet. The optimum C1 and
C2 values can be slightly adjusted for different board layouts.
Figure 4. Crystal Input Interface
LVCMOS to XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 5. The XTAL_OUT pin can be left floating. The input
edge rate can be as slow as 10ns. For LVCMOS inputs, it is
recommended that the amplitude be reduced from full swing to half
swing in order to prevent signal interference with the power rail and
to reduce noise. This configuration requires that the output
impedance of the driver (Ro) plus the series resistance (Rs) equals
the transmission line impedance. In addition, matched termination at
the crystal input will attenuate the signal in half. This can be done in
one of two ways. First, R1 and R2 in parallel should equal the
transmission line impedance. For most 50
Ω applications, R1 and R2
can be 100
Ω. This can also be accomplished by removing R1 and
making R2 50
Ω. By overdriving the crystal oscillator, the device will
be functional, but note, the device performance is guaranteed by
using a quartz crystal.
Figure 5. General Diagram for LVCMOS Driver to XTAL Input Interface
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
27p
C2
27p
XTAL_IN
XTAL_OUT
Ro
Rs
Zo = Ro + Rs
50
Ω
0.1µf
R1
R2
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com