Electronic Components Datasheet Search
  English  ▼

X  

ICS8430002 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS8430002
Description  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS8430002 Datasheet HTML 1Page - Integrated Device Technology ICS8430002 Datasheet HTML 2Page - Integrated Device Technology ICS8430002 Datasheet HTML 3Page - Integrated Device Technology ICS8430002 Datasheet HTML 4Page - Integrated Device Technology ICS8430002 Datasheet HTML 5Page - Integrated Device Technology ICS8430002 Datasheet HTML 6Page - Integrated Device Technology ICS8430002 Datasheet HTML 7Page - Integrated Device Technology ICS8430002 Datasheet HTML 8Page - Integrated Device Technology ICS8430002 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
3
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
Functional Description
NOTE: The functional description that follows describes the
operation using a 25MHz crystal or clock input. Valid PLL loop divider
values for different crystal or clock input frequencies are defined in
the Input Frequency Characteristics, Table 5, NOTE 1 and NOTE 2.
When a crystal is being used, there is no pre-divider therefore set P
= 1 when referencing all following equations on this page.
The ICS8430002 features a fully integrated PLL and therefore
requires no external components for setting the loop bandwidth. It
has a 2:1 multiplexer from which either a crystal input or a differential
input can be selected.
An external fundamental-mode quartz crystal can be used as the
input to the on-chip crystal oscillator. The range of allowable crystal
frequencies is 12MHz to 40MHz. When selected, the crystal
frequency is the reference frequency input to the phase detector. The
relationship between the VCO frequency, the crystal input frequency
and the M divider (M) is as follows:
A differential input clock can also be used. (See the Application
Information section for Wiring the Differential Input to Accept
Single-Ended Levels.) The differential input is followed by a
pre-divider that divides down the clock input frequency. This allows
an equal or lower reference frequency for the phase detector. See
Table 3C for available pre-divider values. The pre-divider value is set
through the P[2:0] pins or by using the serial programming interface.
The output frequency of the pre-divider is the reference frequency
input to the phase detector. The input frequency range of the phase
detector is 9MHz to 50MHz. The relationship between the VCO
frequency, the clock input frequency, the pre-divider (P) and the M
divider (M) is as follows:
The phase detector and the M divider force the VCO output
frequency to be M times the reference frequency by adjusting the
VCO control voltage. The VCO of the PLL operates over a range of
490MHz to 650MHz. Note that for some values of M (either too high
or too low), the PLL will not achieve lock.
Using a 25MHz input, the M value integer-only range is shown in
Table 3B, Programmable VCO Frequency Table, P = ÷1. Valid M
values for which the PLL will achieve lock for a 25MHz reference are
defined as 19.6
≤ M ≤ 25.6. For different reference frequencies, the
range of valid M values may be calculated as follows:
The output of the VCO is scaled by output dividers prior to being sent
to each of the LVPECL output buffers. The output divider settings and
output frequency ranges are shown in table 3D.
Combining all the values of input frequency, pre-divider setting,
integer and fractional feedback divider settings, and output divider
setting, the output frequency may be calculated. The frequency out is
defined as follows:
The fractional-n M divider is composed of a 6-bit integer portion and
a 12-bit fractional portion. The decimal value obtained from these
settings can be determined as follows:
Where:MINT is the 6-bit integer portion
MFRAC is the 12-bit fractional portion
For a given required M divider, the value to program into the MFRAC
register is calculated by taking the fractional portion and multiplying
by 4096. For example, assuming a 25MHz crystal is being used, and
the desired VCO frequency is 515.625 (to support ethernet with
64B/66B encoding) the feedback setting required would be 20.625.
The integer portion of this number (20) is programed into the MINT
register. The fractional portion (0.625) is multiplied by 4096. The
result (2560) is programmed into the MFRAC register. The full M
divider setting is then:
The frequency step size in ppm can be calculated using the following:
Substituting the combined equation
for the F terms in the
step size equation, the equation can be reduced to just the change in
M values.
Input Min (MHz)
Input Max (MHz)
Pre-Divider
950
÷1
18
100
÷2
36
200
÷4
45
250
÷5
72
400
÷8
144
800
÷16
225
800
÷25
288
800
÷32
FVCO
XTAL M
×
=
FVCO
FIN
P
-------- M
×
=
490MHz
FIN P
⁄
---------------------- M 650MHz
FIN P
⁄
----------------------
≤≤
FOUT
FVCO
N
--------------
FIN
P
-------- M
N
-----
×
==
MMINT
MFRAC
4096
------------------
+
=
20 2560
4096
------------
+
20.625
=
stepsize
F0 F1
–
F0
-----------------
10
6
×
ppm
=
FIN
P
-------- M
N
-----
×
stepsize
M0 M1
–
M0
---------------------
1
6
×10
×
ppm
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com