Electronic Components Datasheet Search
  English  ▼

X  

ICS8430002 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ICS8430002
Description  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ICS8430002 Datasheet HTML 10Page - Integrated Device Technology ICS8430002 Datasheet HTML 11Page - Integrated Device Technology ICS8430002 Datasheet HTML 12Page - Integrated Device Technology ICS8430002 Datasheet HTML 13Page - Integrated Device Technology ICS8430002 Datasheet HTML 14Page - Integrated Device Technology ICS8430002 Datasheet HTML 15Page - Integrated Device Technology ICS8430002 Datasheet HTML 16Page - Integrated Device Technology ICS8430002 Datasheet HTML 17Page - Integrated Device Technology ICS8430002 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
14
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
Parameter Measurement Information, continued
Cycle-to-Cycle Jitter
LVPECL Output Duty Cycle/Pulse Width/Period
LVPECL Output Skew
LVPECL Output Rise/Fall Time
➤
➤
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
nFOUTx
FOUTx
nFOUTx
FOUTx
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
FOUTx
FOUTy
nFOUTx
nFOUTy
tsk(o)
20%
80%
80%
20%
tR
t F
VSWING
nFOUTx
FOUTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com