Electronic Components Datasheet Search
  English  ▼

X  

ICS8430002 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS8430002
Description  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS8430002 Datasheet HTML 3Page - Integrated Device Technology ICS8430002 Datasheet HTML 4Page - Integrated Device Technology ICS8430002 Datasheet HTML 5Page - Integrated Device Technology ICS8430002 Datasheet HTML 6Page - Integrated Device Technology ICS8430002 Datasheet HTML 7Page - Integrated Device Technology ICS8430002 Datasheet HTML 8Page - Integrated Device Technology ICS8430002 Datasheet HTML 9Page - Integrated Device Technology ICS8430002 Datasheet HTML 10Page - Integrated Device Technology ICS8430002 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
7
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
Function Tables
Table 3A. Parallel and Serial Mode Function Table
NOTE:
L = LOW
H = HIGH
X = Don’t care
↑ = Rising edge transition
↓ = Falling edge transition
Table 3B. Programmable VCO Frequency Function Table, P = ÷1
NOTE 1: These M divide values and the resulting frequencies correspond to a crystal frequency of 25MHz.
Inputs
Conditions
MR
nP_LOAD
M
N
S_LOAD
S_CLOCK
S_DATA
H
X
X
X
X
X
X
Reset. Forces outputs LOW.
L
L
Data
Data
X
X
X
Data on M and N inputs passed directly to the M divider
and N output divider. TEST output forced LOW.
L
↑
Data
Data
L
X
X
Data is latched into input registers and remains loaded
until next LOW transition or until a serial event occurs.
LH
X
X
L
↑
Data
Serial input mode. Shift register is loaded with data on
S_DATA on each rising edge of S_CLOCK.
LH
X
X
↑
LData
Contents of the shift register are passed to the
M divider and N output divider.
LH
X
X
↓
L
Data
M divider and N output divider values are latched.
L
H
X
X
L
X
X
Parallel or serial input does not affect shift registers.
LH
X
X
H
↑
Data
S_DATA passed directly to M divider as it is clocked.
VCO Frequency
(MHz)
M Divide
32
16
8
4
2
1
M5
M4
M3
M2
M1
M0
500
20
0
10
10
0
•
•
••
••
••
550
22
0
10
11
0
•
•
••
••
••
625
25
0
11
00
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com