Electronic Components Datasheet Search
  English  ▼

X  

ICS8430002 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS8430002
Description  High-Performance Fractional-N Frequency Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8430002 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS8430002 Datasheet HTML 11Page - Integrated Device Technology ICS8430002 Datasheet HTML 12Page - Integrated Device Technology ICS8430002 Datasheet HTML 13Page - Integrated Device Technology ICS8430002 Datasheet HTML 14Page - Integrated Device Technology ICS8430002 Datasheet HTML 15Page - Integrated Device Technology ICS8430002 Datasheet HTML 16Page - Integrated Device Technology ICS8430002 Datasheet HTML 17Page - Integrated Device Technology ICS8430002 Datasheet HTML 18Page - Integrated Device Technology ICS8430002 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
ICS8430002AY REVISION C NOVEMBER 12, 2009
15
©2009 Integrated Device Technology, Inc.
ICS8430002 Data Sheet
HIGH-PERFORMANCE FRACTIONAL-N FREQUENCY SYNTHESIZER
Application Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The ICS8430002 provides
separate power supplies to isolate any high switching noise from the
outputs to the internal PLL. VCC, VCCA, and VCCO_X should be
individually connected to the power supply plane through vias, and
0.01µF bypass capacitors should be used for each pin. Figure 2
illustrates this for a generic VCC pin and also shows that VCCA
requires that an additional 10
Ω resistor along with a 10µF bypass
capacitor be connected to the VCCA pin.
Figure 2. Power Supply Filtering
Wiring the Differential Input to Accept Single-Ended Levels
Figure 3 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = VCC/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to position the V_REF in the
center of the input voltage swing. For example, if the input clock swing
is only 2.5V and VCC = 3.3V, V_REF should be 1.25V and R2/R1 =
0.609.
Figure 3. Single-Ended Signal Driving Differential Input
VCC
VCCA
3.3V
10
Ω
10µF
.01µF
.01µF
Single Ended Clock Input
VCC
PCLK
nPCLK
R1
C1
0.1u
R2
1K
1K
V_REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com