Electronic Components Datasheet Search
  English  ▼

X  

ATA8201 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATA8201
Description  UHF ASK/FSK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8201 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATA8201 Datasheet HTML 9Page - ATMEL Corporation ATA8201 Datasheet HTML 10Page - ATMEL Corporation ATA8201 Datasheet HTML 11Page - ATMEL Corporation ATA8201 Datasheet HTML 12Page - ATMEL Corporation ATA8201 Datasheet HTML 13Page - ATMEL Corporation ATA8201 Datasheet HTML 14Page - ATMEL Corporation ATA8201 Datasheet HTML 15Page - ATMEL Corporation ATA8201 Datasheet HTML 16Page - ATMEL Corporation ATA8201 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13
4971C–INDCO–04/09
ATA8201/ATA8202
Figure 2-8.
Wide-band 3-dB Blocking Characteristic at 315 MHz
Table 2-8 shows the blocking performance measured relative to –102 dBm for some frequen-
cies. Note that sometimes the blocking is measured relative to the sensitivity level 104 dBm
(denoted dBS), instead of the carrier –102 dBm (denoted dBC).
The ATA8201/ATA8202 can also receive FSK and ASK modulated signals if they are much
higher than the I1dBCP. It can typically receive useful signals at –10 dBm. This is often referred
to as the nonlinear dynamic range (that is, the maximum to minimum receiving signal), and is
95 dB for 10 Kbits/s Manchester (FSK). This value is useful if the transmitter and receiver are
very close to each other.
Table 2-8.
Blocking 3 dB Above Sensitivity Level With BER < 10
–3
Frequency Offset
Blocking Level
Blocking
+1.5 MHz
–44.5 dBm
57.5 dBC, 60.5 dBS
–1.5 MHz
–44.5 dBm
57.5 dBC, 60.5 dBS
+2 MHz
–39.0 dBm
63 dBC, 66 dBS
–2 MHz
–36.0 dBm
66 dBC, 69 dBS
+3 MHz
–34.5 dBm
67.5 dBC, 70.5 dBS
–3 MHz
–34.5 dBm
67.5 dBC, 70.5 dBS
+20 MHz
–28.0 dBm
74 dBC, 77 dBS
–20 MHz
–28.0 dBm
74 dBC, 77 dBS
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
40.0
50.0
Distance from Interfering to Receiving Signal (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com