Electronic Components Datasheet Search
  English  ▼

X  

ATA8201 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA8201
Description  UHF ASK/FSK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8201 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA8201 Datasheet HTML 17Page - ATMEL Corporation ATA8201 Datasheet HTML 18Page - ATMEL Corporation ATA8201 Datasheet HTML 19Page - ATMEL Corporation ATA8201 Datasheet HTML 20Page - ATMEL Corporation ATA8201 Datasheet HTML 21Page - ATMEL Corporation ATA8201 Datasheet HTML 22Page - ATMEL Corporation ATA8201 Datasheet HTML 23Page - ATMEL Corporation ATA8201 Datasheet HTML 24Page - ATMEL Corporation ATA8201 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
4971C–INDCO–04/09
ATA8201/ATA8202
5.
Power Supply
Figure 5-1.
Power Supply
The supply voltage range of the ATA8201/ATA8202 is 2.7V to 3.3V or 4.5V to 5.5V.
Pin VS3V_AVCC is the supply voltage input for the range 2.7V to 3.3V, and is used in battery
applications using a single lithium 3V cell. Pin VS5V is the voltage input for the range 4.5V to
5.5V (car applications) in this case the voltage regulator V_REG regulates VS3V_AVCC to typi-
cally 3.0V. If the voltage regulator is active, a blocking capacitor of 2.2 µF has to be connected to
VS3V_AVCC (see Figure 10-1 on page 29).
DVCC is the internal operating voltage of the digital control logic and is fed via the switch
SW_DVCC by VS3V_AVCC. DVCC must be blocked on pin DVCC with 68 nF (see Figure 9-1
on page 28 and Figure 10-1 on page 29).
Pin RX is the input to activate the RX signal processing and set the receiver to Active mode.
5.1
OFF Mode
A low level on pin RX and ENABLE will set the receiver to OFF mode (low power mode). In this
mode, the crystal oscillator is shut down and no clock is available on pin CLK_OUT. The
receiver is not sensitive to a transmitter signal in this mode.
5.2
Standby Mode
The receiver activates the Standby mode if pin ENABLE is set to “1”.
In Standby mode, the XTO is running and the clock on pin CLK_OUT is available after the
st ar t- u p t i me o f th e XT O h a s e l ap sed (d ep en de nt o n p i n CL K_O U T_CTRL 0 a n d
CLK_OUT_CTRL1). During Standby mode, the receiver is not sensitive to a transmitter signal.
In Standby mode, the RX signal path is disabled and the power consumption I
Standby is typically
50 µA (CLK_OUT output off, VS3V_AVCC = VS5V = 3V). The exact value of this current is
strongly dependent on the application and the exact operation mode, therefore check the sec-
tion “Electrical Characteristics: General” on page 30 for the appropriate application case.
V_REG
3.0V typ.
SW_DVCC
OUT
RX
DVCC
VS5V
VS3V_AVCC
IN
EN
Table 5-1.
Standby Mode
RX
ENABLE
Function
00
OFF mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com