Electronic Components Datasheet Search
  English  ▼

X  

ATA8201 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA8201
Description  UHF ASK/FSK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8201 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA8201 Datasheet HTML 14Page - ATMEL Corporation ATA8201 Datasheet HTML 15Page - ATMEL Corporation ATA8201 Datasheet HTML 16Page - ATMEL Corporation ATA8201 Datasheet HTML 17Page - ATMEL Corporation ATA8201 Datasheet HTML 18Page - ATMEL Corporation ATA8201 Datasheet HTML 19Page - ATMEL Corporation ATA8201 Datasheet HTML 20Page - ATMEL Corporation ATA8201 Datasheet HTML 21Page - ATMEL Corporation ATA8201 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
4971C–INDCO–04/09
ATA8201/ATA8202
3.1
Pin CLK_OUT
Pin CLK_OUT is an output to clock a connected microcontroller. The clock is available in
Stand by a nd Active m odes. Th e frequ ency f
CL K_ OU T can b e a d justed via the pins
CLK_OUT_CTRL0 and CLK_OUT_CTRL1, and is calculated as follows:
The signal at CLK_OUT output has a nominal 50% duty cycle. To save current, it is recom-
mended that CLK_OUT be switched off during Standby mode.
3.2
Basic Clock Cycle of the Digital Circuitry
The complete timing of the digital circuitry is derived from one clock. As seen in Figure 3-2 on
page 17, this clock cycle, T
DCLK, is derived from the crystal oscillator (XTO) in combination with a
divider.
T
DCLK controls the following application relevant parameters:
- Debouncing of the data signal stream
- Start-up time of the RX signal path
The start-up time and the debounce characteristic depend on the selected bit rate range
(BR_Range) which is defined by pins BR0 and BR1. The clock cycle T
XDCLK is defined by the fol-
lowing formulas for further reference:
BR_Range
⇒
BR_Range 0: T
XDCLK = 8 × TDCLK
BR_Range 1: T
XDCLK = 4 × TDCLK
BR_Range 2: T
XDCLK = 2 × TDCLK
BR_Range 3: T
XDCLK = 1 × TDCLK
Table 3-2.
Setting of f
CLK_OUT
CLK_OUT_CTRL1
CLK_OUT_CTRL0
Function
00
Clock on pin CLK_OUT is switched off
(Low level on pin CLK_OUT)
01
fCLK_OUT =fXTO /3
10
fCLK_OUT =fXTO /6
11
fCLK_OUT =fXTO /12
f
DCLK
f
XTO
16
-----------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com