Electronic Components Datasheet Search
  English  ▼

X  

ATA8201 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATA8201
Description  UHF ASK/FSK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8201 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATA8201 Datasheet HTML 2Page - ATMEL Corporation ATA8201 Datasheet HTML 3Page - ATMEL Corporation ATA8201 Datasheet HTML 4Page - ATMEL Corporation ATA8201 Datasheet HTML 5Page - ATMEL Corporation ATA8201 Datasheet HTML 6Page - ATMEL Corporation ATA8201 Datasheet HTML 7Page - ATMEL Corporation ATA8201 Datasheet HTML 8Page - ATMEL Corporation ATA8201 Datasheet HTML 9Page - ATMEL Corporation ATA8201 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
4971C–INDCO–04/09
ATA8201/ATA8202
2.
RF Receiver
As seen in Figure 1-3 on page 5, the RF receiver consists of a low-noise amplifier (LNA), a local
oscillator, and the signal processing part with mixer, IF filter, IF amplifier with analog RSSI,
FSK/ASK demodulator, data filter, and data slicer.
In receive mode, the LNA pre-amplifies the received signal which is converted down to a
440-kHz intermediate frequency (IF), then filtered and amplified before it is fed into an FSK/ASK
demodulator, data filter, and data slicer. The received signal strength indicator (RSSI) signal is
available at the pin RSSI.
2.1
Low-IF Receiver
The receive path consists of a fully integrated low-IF receiver. It fulfills the sensitivity, blocking,
selectivity, supply voltage, and supply current specification needed to design, e.g., an industrial/
aftermarket integrated receiver for RKE and TPM systems. A benefit of the integrated receive fil-
ter is that no external components needed.
At 315 MHz, the ATA8201 receiver (433.92 MHz for the ATA8202 receiver) has a typical system
noise figure of 6.0 dB (7.0 dB), a system I1dBCP of –31 dBm (–30 dBm), and a system IIP3 of
–24 dBm (–23 dBm). The signal path is linear for out-of-band disturbers up to the I1dBCP and
hence there is no AGC or switching of the LNA needed, and a better blocking performance is
achieved. This receiver uses an IF (intermediate frequency) of 440 kHz, the typical image rejec-
tion is 30 dB and the typical 3-dB IF filter bandwidth is 420 kHz (f
IF = 440 kHz ± 210 kHz,
f
lo_IF = 230 kHz and fhi_IF = 650 kHz). The demodulator needs a signal-to-noise ratio of 8.5 dB for
10 Kbits/s Manchester with ±38 kHz frequency deviation in FSK mode, thus, the resulting sensi-
tivity at 315 MHz (433.92 MHz) is typically –105 dBm (–104 dBm).
Due to the low phase noise and spurs of the synthesizer together with the 8th-order integrated IF
filter, the receiver has a better selectivity and blocking performance than more complex double
superhet receivers, without using external components and without numerous spurious receiv-
ing frequencies.
A low-IF architecture is also less sensitive to second-order intermodulation (IIP2) than direct
conversion receivers where every pulse or amplitude modulated signal (especially the signals
from TDMA systems like GSM) demodulates to the receiving signal band at second-order
non-linearities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com