Electronic Components Datasheet Search
  English  ▼

X  

ATA8201 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA8201
Description  UHF ASK/FSK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8201 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA8201 Datasheet HTML 1Page - ATMEL Corporation ATA8201 Datasheet HTML 2Page - ATMEL Corporation ATA8201 Datasheet HTML 3Page - ATMEL Corporation ATA8201 Datasheet HTML 4Page - ATMEL Corporation ATA8201 Datasheet HTML 5Page - ATMEL Corporation ATA8201 Datasheet HTML 6Page - ATMEL Corporation ATA8201 Datasheet HTML 7Page - ATMEL Corporation ATA8201 Datasheet HTML 8Page - ATMEL Corporation ATA8201 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4
4971C–INDCO–04/09
ATA8201/ATA8202
Figure 1-2.
Pinning QFN24
Table 1-1.
Pin Description
Pin
Symbol
Function
1
TEST2
Test pin, during operation at GND
2
TEST1
Test pin, during operation at GND
3
CLK_OUT
Output to clock a connected microcontroller
4
CLK_OUT_CTRL1
Input to control CLK_OUT (MSB)
5
CLK_OUT_CTRL0
Input to control CLK_OUT (LSB)
6
ENABLE
Input to enable the XTO
7
XTAL2
Reference crystal
8
XTAL1
Reference crystal
9
DVCC
Digital voltage supply blocking
10
VS5V
Power supply input for voltage range 4.5V to 5.5V
11
VS3V_AVCC
Power supply input for voltage range 2.7V to 3.3V
12
GND
Ground
13
LNA_GND
RF ground
14
LNA_IN
RF input
15
SENSE
Sensitivity control resistor
16
SENSE_CTRL
Sensitivity selection
Low: Normal sensitivity, High: Reduced sensitivity
17
RSSI
Output of the RSSI amplifier
18
TEST3
Test pin, during operation at GND
19
RX
Input to activate the receiver
20
BR0
Bit rate selection, LSB
21
BR1
Bit rate selection, MSB
22
ASK_NFSK
FSK/ASK selection
Low: FSK, High: ASK
23
CDEM
Capacitor to adjust the lower cut-off frequency data filter
24
DATA_OUT
Data output
GND
Ground/backplane (exposed die pad)
TEST3
RSSI
LNA_IN
LNA_GND
SENSE
SENSE_CTRL
TEST2
789 10 11 12
24
13
14
15
16
17
18
6
5
4
3
2
1
23 22
TEST1
CLK_OUT_CTRL0
ENABLE
CLK_OUT_CTRL1
CLK_OUT
21 20 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com