Electronic Components Datasheet Search
  English  ▼

X  

ATA8201 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATA8201
Description  UHF ASK/FSK Receiver
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8201 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATA8201 Datasheet HTML 35Page - ATMEL Corporation ATA8201 Datasheet HTML 36Page - ATMEL Corporation ATA8201 Datasheet HTML 37Page - ATMEL Corporation ATA8201 Datasheet HTML 38Page - ATMEL Corporation ATA8201 Datasheet HTML 39Page - ATMEL Corporation ATA8201 Datasheet HTML 40Page - ATMEL Corporation ATA8201 Datasheet HTML 41Page - ATMEL Corporation ATA8201 Datasheet HTML 42Page - ATMEL Corporation ATA8201 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
39
4971C–INDCO–04/09
ATA8201/ATA8202
16. Digital Timing Characteristics
All parameters refer to GND and are valid for T
amb = 25°C, VVS3V_AVCC = VVS5V = 3V, and VVS5V = 5V. Typical values are given at
fRF = 433.92 MHz unless otherwise specified. Details about current consumption, timing, and digital pin properties can be found in the
specific sections of the “Electrical Characteristics”
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
9
Basic Clock Cycle of the Digital Circuitry
9.1
Basic clock cycle
T
DCLK
16 / f
XTO
16 / f
XTO
µs
A
9.2
Extended basic clock
cycle
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
TXDCLK
8
4
2
1
× T
DCLK
8
4
2
1
× T
DCLK
µs
A
10
Active Mode
10.1
Startup PLL
TStartup_PLL
15 µs +
208
×
T
DCLK
µs
A
10.2
Startup signal
processing
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
TStartup_Sig_Proc
929.5
545.5
353.5
257.5
× T
DCLK
929.5
545.5
353.5
257.5
× T
DCLK
A
10.3
Bit rate range
ASK
BR_Range =
BR_Range0
BR_Range1
BR_Range2
BR_Range3
FSK
BR_Range =
BR_Range0
BR_Range1
BR_Range2
BR_Range3
BR_Range
1.0
2.0
4.0
8.0
1.0
2.0
4.0
8.0
2.5
5.0
10.0
10.0
2.5
5.0
10.0
20.0
Kbits/s
A
10.4
Minimum time period
between edges at pin
DATA_OUT
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
24
T
DATA_OUT_min
10
×
TXDCLK
µs
A
10.5
Edge-to-edge time
period of the data signal
for full sensitivity in
Active mode
BR_Range_0
BR_Range_1
BR_Range_2
BR_Range_3
T
DATA_OUT
200
100
50
25
500
250
125
62.5
µs
B
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com