Electronic Components Datasheet Search
  English  ▼

X  

ATA5749 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATA5749
Description  Fractional-N PLL Transmitter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5749 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATA5749 Datasheet HTML 10Page - ATMEL Corporation ATA5749 Datasheet HTML 11Page - ATMEL Corporation ATA5749 Datasheet HTML 12Page - ATMEL Corporation ATA5749 Datasheet HTML 13Page - ATMEL Corporation ATA5749 Datasheet HTML 14Page - ATMEL Corporation ATA5749 Datasheet HTML 15Page - ATMEL Corporation ATA5749 Datasheet HTML 16Page - ATMEL Corporation ATA5749 Datasheet HTML 17Page - ATMEL Corporation ATA5749 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
9128D–RKE–01/09
ATA5749 [Preliminary]
Figure 6-3 shows the combination with slow programming and a faster ramp up of XTO. A dia-
gram of the operating modes is shown in Figure 6-5 and a description of which circuit blocks are
active is provided in Table 6-3 on page 15. This also contains the information needed for the cal-
culation of consumed charge for one operation cycle.
Figure 6-3.
Timing Diagram if Programming is Slower than T
XTO
6.3
Reprogramming without Stopping the Crystal Oscillator
After the configuration register is programmed and RF data transmission is completed, the OFF
mode is normally entered. This stops the crystal oscillator and PLL. If it is desirable to modify the
contents of the configuration register without entering the OFF mode, the Reset_Register_Mode
can be used. To enter the Reset_Register_Mode, the SDIN_TXDIN must be asserted HIGH
while the EN is asserted LOW for at least 10 µs Reset_min time. This state is shown in Figure
6-4 on page 15, State Diagram of Operating Modes. In Reset_Register_Mode, the PA and frac-
tional PLL remain OFF but the XTO remains active. This state must stay for minimum 10 µs. At
the next step you must rise first EN and SDIN_TXDIN 10 µs delayed. While in this mode, the
32 bit configuration register data can be sent on the SPI bus as shown in Figure 6-2 on page 13.
After data transmission, the device can be switched back to OFF_Mode by asserting EN, SCK,
and SDIN_TXDIN to a LOW state. An example of programming from the Reset_Register_Mode
is shown in Figure 6-4 on page 15.
ΔT
XTO
T
PLL
X
X
FSK;
TX_Mode2
ASK:
TX_Mode1 and
TX_Mode2
TX-Data
OFF_
Mode
OFF_Mode
TX_
Mode1
Start_Up_
Mode_2
Start_Up_
Mode_1
32-bit Configuration
CLK (Output)
SCK (Input)
EN (Input)
PA (Output
Power)
SDIN_TXDIN
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com