Electronic Components Datasheet Search
  English  ▼

X  

ATA5749 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATA5749
Description  Fractional-N PLL Transmitter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5749 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATA5749 Datasheet HTML 14Page - ATMEL Corporation ATA5749 Datasheet HTML 15Page - ATMEL Corporation ATA5749 Datasheet HTML 16Page - ATMEL Corporation ATA5749 Datasheet HTML 17Page - ATMEL Corporation ATA5749 Datasheet HTML 18Page - ATMEL Corporation ATA5749 Datasheet HTML 19Page - ATMEL Corporation ATA5749 Datasheet HTML 20Page - ATMEL Corporation ATA5749 Datasheet HTML 21Page - ATMEL Corporation ATA5749 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
9128D–RKE–01/09
ATA5749 [Preliminary]
10. Electrical Characteristics
VS = 1.9V to 3.6V Tamb = –40°C to +125°C, CLK_ON = “High”; DIV_CNTRL = “Low”, CLOAD_CLK = 10 pF. fXTO = 13.0000 MHz,
f
CLK = 1.625 MHz unless otherwise specified. If crystal parameters are important values correspond to a crystal with CM = 4.0 fF,
C0 = 1.5 pF, CLOAD = 9 pF and RM ≤ 170Ω. Typical values are given at VS = 3.0V and Tamb = 25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
1
Current Consumption
1.1
Supply current,
OFF_Mode
V(SDIN_TXDIN,SCK,EN) = Low
T
amb ≤ +25°C
Tamb ≤ +85°C
T
amb ≤ +125°C
5, 8
I
S_Off_Mode
1
20
265
100
350
7000
nA
nA
nA
A
1.2
Supply current,
TX_Mode1
VS ≤ 3.0V
5, 8
IS_TX_Mode1
3.6
4.7
mA
A
1.3
Supply current,
TX_Mode2
V
S ≤ 3.0V
PWR[0:3] = 8 (5.5 dBm)
5, 8
I
S_TX_Mode2
7.3
8.8
mA
A
1.4
Supply current,
CLK_Only_Mode
V
S ≤ 3.0V
5, 8
IS_CLK_Only _
Mode
480
680
µA
A
1.5
Supply current
reduction, Clock Driver
off
V
S ≤ 3.0V
CLK_ON = “Low”
IS = IS_any_Mode + ΔICLKoff1
(can be applied to all modes
except Off_Mode, add Typ. to
Typ. and Max. to Max. values)
5, 8
ΔI
CLKoff1
–250
–300
µA
B
1.6
Supply current
increase, Clock Driver
higher frequency
V
S ≤ 3.0V
DIV_CNTRL = “High”
fCLK =3.24MHz
I
S= IS_any__Mode + ΔICLKhigh
(can be applied to all modes
except Off_Mode add Typ. to
Typ. and Max. to Max. values)
5, 8
ΔI
CLKhigh
150
190
µA
B
1.7
Reset_Register_Mode /
Configuration_Mode_1
VS ≤ 3.0V
5, 8
IS_Reset_
Register_Mode /
I
S_Configuration
_ Mode_1
680
µA
A
1.8
Configuration_Mode_2 /
Start_Up_Mode_2
VS ≤ 3.0V
5, 8
IS_Configuration
_Mode_2 /
I
S_Start_Up
_Mode_2
4.7
mA
A
1.9
Start_Up_Mode_1
V
S ≤ 3.0V
5, 8
IS_Start_Up
_Mode_1
300
µA
A
2
Power Amplifier (PA)
2.1
Output power 1,
TX_Mode2
VS = 3.0V, Tamb = 25°C
PWR[0:3] = 4
ZLOAD = ZLOPT according Table
4-1 and Table 4-2 on page 9
(5)
POUT_1
–1.0
+1.0
+3.0
dBm
A
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
(Pin Number) in brackets mean they are measured matched to 50
Ω according to Figure 4-2 on page 8 with component values
and optimum load impedances according to Table 4-1 and Table 4-2 on page 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com