Electronic Components Datasheet Search
  English  ▼

X  

ATA5749 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATA5749
Description  Fractional-N PLL Transmitter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5749 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATA5749 Datasheet HTML 17Page - ATMEL Corporation ATA5749 Datasheet HTML 18Page - ATMEL Corporation ATA5749 Datasheet HTML 19Page - ATMEL Corporation ATA5749 Datasheet HTML 20Page - ATMEL Corporation ATA5749 Datasheet HTML 21Page - ATMEL Corporation ATA5749 Datasheet HTML 22Page - ATMEL Corporation ATA5749 Datasheet HTML 23Page - ATMEL Corporation ATA5749 Datasheet HTML 24Page - ATMEL Corporation ATA5749 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
9128D–RKE–01/09
ATA5749 [Preliminary]
4.6
FSK modulation
frequency
Duty cycle of the modulation
signal = 50%, (this corresponds
to 40 kBit/s Manchester coding
and 80 kBit/s NRZ coding)
2, 5
F
MOD_FSK
040
kHz
B
4.7
ASK modulation
frequency
Duty cycle of the modulation
signal = 50%, (this corresponds
to 40 kBit/s Manchester coding
and 80 kBit/s NRZ coding)
2, 5
F
MOD_ASK
040
kHz
B
4.8
Spurious emission
At f
RF ±fXTO / 8
At fRF ±fXTO / 4
At f
RF ±fXTO
5
Spur
–47
–47
–60
dBc
B
4.9
Spurious emission
DIV_CNTRL = “High”
At f
RF ± fXTO / 4
At fRF ± fXTO
5
Spur
–47
–58
dBc
B
4.10 Spurious emission
CLK_ON = “Low”
At f
0 ± fXTO
5
Spur
–60
dBc
B
4.11 Fractional Spurious
ASK_NFSK = “High”
TX_Mode_2
FREQ[0:14] = 3730,
FSEP[0:7] = 101
S434_N315 = “Low”
fRF ±3.00 MHz
f
RF ±6.00 MHz
FREQ[0:14] = 14342,
FSEP[0:7] = 101
S434_N315 = “High”
fRF ±3.159 MHz
fRF ± 9,840MHz
5
Spur
–50
–50
–50
–50
dBc
B
4.12
FSK frequency
deviation
fXTO = 13.0000 MHz
other fXTO
see Table 3-1 on page 4
5fdev
±0.396
±101.16
kHz
A
4.13 Frequency resolution
f
XTO = 13.0000 MHz
other fXTO
Δf
PLL
793
Hz
A
10. Electrical Characteristics (Continued)
VS = 1.9V to 3.6V Tamb = –40°C to +125°C, CLK_ON = “High”; DIV_CNTRL = “Low”, CLOAD_CLK = 10 pF. fXTO = 13.0000 MHz,
fCLK = 1.625 MHz unless otherwise specified. If crystal parameters are important values correspond to a crystal with CM = 4.0 fF,
C
0 = 1.5 pF, CLOAD = 9 pF and RM ≤ 170Ω. Typical values are given at VS = 3.0V and Tamb = 25°C
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
(Pin Number) in brackets mean they are measured matched to 50
Ω according to Figure 4-2 on page 8 with component values
and optimum load impedances according to Table 4-1 and Table 4-2 on page 9
f
XTO/
32768
⎝⎠
⎛⎞
f
XTO/
128.5
⎝⎠
⎛⎞
f
XTO/
16384
⎝⎠
⎛⎞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com