Electronic Components Datasheet Search
  English  ▼

X  

ATA5749 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATA5749
Description  Fractional-N PLL Transmitter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5749 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATA5749 Datasheet HTML 1Page - ATMEL Corporation ATA5749 Datasheet HTML 2Page - ATMEL Corporation ATA5749 Datasheet HTML 3Page - ATMEL Corporation ATA5749 Datasheet HTML 4Page - ATMEL Corporation ATA5749 Datasheet HTML 5Page - ATMEL Corporation ATA5749 Datasheet HTML 6Page - ATMEL Corporation ATA5749 Datasheet HTML 7Page - ATMEL Corporation ATA5749 Datasheet HTML 8Page - ATMEL Corporation ATA5749 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
9128D–RKE–01/09
ATA5749 [Preliminary]
3.
Functional Description
3.1
Fractional-N PLL
The ATA5749 block diagram is shown in Figure 1-1 on page 2. The operation of the PLL is
determined by the contents of a 32-bit configuration register. The 15-bit value FREQ is used with
the 1-bit 434_N315 flag to determine the RF carrier frequency. This results in a user-selectable
frequency step size of 793 Hz (with 13.000 MHz crystal). With this level of resolution, it is possi-
ble to compensate for crystal tolerance by adjusting the value of FREQ accordingly. This
enables the use of lower cost crystals without compromising final accuracy. In addition, software
programming of RF carrier frequency allows this device to be used in some multi-channel
applications.
Modulation type is selected with the 1-bit ASK_NFSK flag. FSK modulation is achieved by mod-
ifying the divider block in the feedback loop. The benefit to this approach is that performance-
reducing RF spurs (common in applications that create FSK by “pulling” the load capacitance in
the crystal oscillator circuit) are completely eliminated. The 8-bit value FSEP establishes the
FSK frequency deviation. It is possible to obtain FSK frequency deviations from ±396 Hz to
±101 KHz in steps of ±396 Hz.
The PLL lock time is 1280/(external crystal frequency) and amounts to 98.46 µs when using a
13.0000 MHz crystal. When added to the crystal oscillator start-up time, a very fast
time-to-transmit is possible (typically 300 µs). This feature extends battery life in applications like
Tire Pressure Monitoring Systems, where the message length is often shorter than 10 ms and
the time “wasted” during start-up and settling time becomes more significant.
3.2
Selecting the RF Carrier Frequency
The fractional divider can be programmed to generate an RF output frequency f
RF according to
the formulas shown in Table 3-1. Note that in the case of f
RF ASK, the FSEP/2 value is rounded
down to the next integer value if FSEP is an odd number.
FSEP can take on the values of 1 to 255. Using a 13.000 MHz crystal, the range of frequency
deviation f
DEV_FSK is programmable from ±396 Hz to ±101.16 kHz in steps of ±396 Hz. For
example, with FSEP = 100 the output frequency is FSK modulated with f
DEV_FSK = ±39.6 kHz.
FREQ can take values in the range of values 2500 and 22000. Using a 13.0000 MHz crystal, the
output frequency f
RF can be program med to 315 MHz by setting F REQ[0:14] = 3 730,
FSEP[0:7] = 100 and S434_N315 = 0. By setting FREQ[0:14] = 14342, FSEP[0:7] = 100 and
S434_N315 = 1, 433.92 MHz can be realized.
Table 3-1.
RF Output Parameter Formulas
RF Output Parameter
S434_N315 = LOW
S434_N315 = HIGH
fRF_FSK_LOW
(24 + (FREQ + 0.5)/16384)
× f
XTO
(32.5 + (FREQ + 0.5)/16384)
× f
XTO
fRF_FSK_HIGH
(24 + (FREQ + FSEP + 0.5)/16384)
× f
XTO
(32.5 + (FREQ + FSEP + 0.5)/16384)
× f
XTO
f
DEV__FSK
FSEP/32768
× f
XTO
FSEP/32768
× f
XTO
fRF ASK
(24 + (FREQ + FSEP/2 + 0.5)/16384)
× f
XTO
(32.5 + (FREQ + FSEP/2 + 0.5)/16384)
× f
XTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com