Electronic Components Datasheet Search
  English  ▼

X  

ATA5749 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA5749
Description  Fractional-N PLL Transmitter IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5749 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA5749 Datasheet HTML 1Page - ATMEL Corporation ATA5749 Datasheet HTML 2Page - ATMEL Corporation ATA5749 Datasheet HTML 3Page - ATMEL Corporation ATA5749 Datasheet HTML 4Page - ATMEL Corporation ATA5749 Datasheet HTML 5Page - ATMEL Corporation ATA5749 Datasheet HTML 6Page - ATMEL Corporation ATA5749 Datasheet HTML 7Page - ATMEL Corporation ATA5749 Datasheet HTML 8Page - ATMEL Corporation ATA5749 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
9128D–RKE–01/09
ATA5749 [Preliminary]
2.
Pin Configuration
Figure 2-1.
TSSOP10 Package Pinout
6
7
8
9
10
XTO2
XTO1
VS
GND
EN
ANT1
ANT2
SCK
SDIN_TXDIN
CLK
5
4
3
2
ATA5749
1
Table 2-1.
Pin Description
Pin
Symbol
Function
1
CLK
CLK output
2
SDIN_TXDIN
Serial bus data input and TX data input
3
SCK
Serial bus clock input
4
ANT2
Antenna interface
5
ANT1
Antenna interface
6
XTO2
Crystal/CLOAD2 connection
7
XTO1
Crystal/CLOAD1 connection
8
VS
Supply input
9
GND
Supply GND
10
EN
Enable input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com