Electronic Components Datasheet Search
  English  ▼

X  

MAX6621 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6621
Description  PECI-to-I2C Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6621 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6621 Datasheet HTML 9Page - Maxim Integrated Products MAX6621 Datasheet HTML 10Page - Maxim Integrated Products MAX6621 Datasheet HTML 11Page - Maxim Integrated Products MAX6621 Datasheet HTML 12Page - Maxim Integrated Products MAX6621 Datasheet HTML 13Page - Maxim Integrated Products MAX6621 Datasheet HTML 14Page - Maxim Integrated Products MAX6621 Datasheet HTML 15Page - Maxim Integrated Products MAX6621 Datasheet HTML 16Page - Maxim Integrated Products MAX6621 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
The result is a 16-bit word (low byte transmitted first,
high byte second) that contains the register that
caused ALERT to assert. An error (8103h) is returned
when there is no active ALERT.
RESET
The MAX6621 features a power-on reset (POR), bus
lockout reset, and a reset input (RESET). The power-on
reset monitors VCC and holds all outputs in high imped-
ance until VCC passes the POR threshold. The
MAX6621 monitors VCC for brownout conditions even
after power-up.
Bus Lockout Timeout Reset
If an I2C transaction starts and gets locked up for
greater than 20ms, the MAX6621 asserts the internal
bus lockup reset that restarts itself in the default startup
condition.
RESET Input
The MAX6621 features a RESET input that allows users
to directly reset to the default startup conditions. Pull
RESET low for a minimum of 10ns for a valid reset. The
MAX6621 requires 100μs to be accessible after RESET
has been asserted.
Version Information Command
Table 18 shows the command to read the firmware version.
The result is a 16-bit word (low byte transmitted first,
high byte second), e.g., 0100h for the MAX6621 firmware
version 1.0.
Serial Interface
The MAX6621 operates as a slave that sends and
receives data through an I2C-compatible, 2-wire inter-
face. The interface uses a serial-data line (SDA) and a
serial-clock line (SCL) to achieve bidirectional commu-
nication between master and slave. A master (typically
a microcontroller) initiates all data transfers to and from
the MAX6621 and generates the SCL clock that syn-
chronizes the data transfer (Figure 5).
The MAX6621 SCL and SDA lines operate as both
inputs and open-drain outputs. A pullup resistor is
required on SCL and SDA.
Each transmission consists of a START condition sent
by a master, followed by the MAX6621 7-bit slave
address, plus an R/W bit, one or more data bytes, and
finally a STOP condition (Figure 6). To write to a
MAX6621 register, a write transmission consists of a
START condition, followed by the MAX6621 7-bit slave
address plus R/W = 0, a register address byte, one
data byte, and finally a STOP condition. To read from a
MAX6621 register, a combined write and read trans-
missions are required. The first write transmission con-
sists of a START condition, followed by the MAX6621
7-bit slave address plus R/W = 0, a register address
byte, and finally a STOP condition that sets the register
to be read. The second read transmission consists of a
START condition, followed by the MAX6621 7-bit slave
address plus R/W = 1, one or more data bytes, and
finally a STOP condition that reads the data from the
PECI-to-I2C Translator
______________________________________________________________________________________
13
COMMAND
DESCRIPTION
TYPE
RESULT
09h
Get firmware
version
ReadWord
16 bit word
Table 18. Firmware Command
SDA
SCL
tHD, STA
tR
tHIGH
tSU, DAT
tLOW
tF
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
tHD, DAT
tSU, STO
tSU, STA
tHD, STA
tBUF
Figure 5. 2-Wire Serial-Interface Timing Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com